Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC65 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # GC65
Description  High Value Thick Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

GC65 Datasheet(HTML) 2 Page - Welwyn Components Limited

  GC65 Datasheet HTML 1Page - Welwyn Components Limited GC65 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Value Thick Film
Resistors
GC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
Welwyn Components
200
b
f1
f2
6
6
c
Body Location f1 – f2
≤ 1.4 mm
Packaging
The standard method of packaging GC resistors is taped in
ammo packs. Taped resistors on reel or loose packed
components can also be supplied by special request. In the
case of tape packed components the usable lead length is
reduced by the width of the tape. A detailed taping
specification is available on request.
Figure 2
Maximum
Typical
Load at rated power: 1000 hrs at 70°c
∆R%
1
0.5
Derating
Zero at 155°C
Overload
∆R%
1
0.2
Climatic
∆R%
1
0.25
Climatic category
∆R%
55/155/56
Temperature rapid change
∆R%
1
0.15
Resistance to Solder Heat
∆R%
0.2
0.03
Vibration and bump
∆R%
0.1
0.02
Voltage proof
volts
1000 min.
Performance Data
Type
GC55
GC65
GC70
Taped (Reeled)
5000
2500
1500
Ammo pack
5000
2500
1000
Small box
250
125
25
Large box
1000
500
250
Standard Quantities Per Spool/Box
Type
b
c
GC55/GC65
52
5
GC70
67
10
N.B. This product can be custom built to meet specific voltage coefficient or pulse requirements.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com