Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # HVC
Description  High Voltage Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

HVC Datasheet(HTML) 1 Page - Welwyn Components Limited

  HVC Datasheet HTML 1Page - Welwyn Components Limited HVC Datasheet HTML 2Page - Welwyn Components Limited HVC Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1206
2010
2512
Notes
Power rating @70°C
Watts
0.3
0.5
1
Limiting element voltage
Volts
1000
2000
3000
DC or AC peak
Overload voltage (2s)
Volts
1500
3000
4000
Resistance range
Ohms
100K to 100M
Consult factory for
out of range values
Resistance tolerance
%
0.5,1,2,5,10
See table of
value ranges
TCR
ppm/°C
100
Ambient temperature range
°C
-55 to +155
Values
E24 & E96 preferred
Any value to order
Thermal Impedance
°C/W
200
80
70
Tolerance %
Size
10
5
2
1
0.5
1206
100K to 100M
100K to 100M
100K to 10M
100K to 2M
N/A
2010
100K to 100M
100K to 100M
100K to 10M
100K to 10M
N/A
2512
100K to 100M
100K to 100M
100K to 10M
100K to 10M
100K to 10M
High Voltage
Chip Resistors
HVC Series
• Continuous voltages up to 3kV
• Overload voltages up to 4kV
• Values up to 100M
• Tolerances to ±0.5%
• Robust thick film construction
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue D · 11.05
A subsidiary of
TT electronics plc
Welwyn Components
84
Value Ranges (Ohms)
Dimensions (mm) & Weight (g)
L
W
T
A
B
C
Wt.
1206
3.2±0.2
1.6±0.2
0.6±0.1
0.35±0.2
1.95 min
0.35±0.2
0.010
2010
5.1±0.2
2.5±0.2
0.7±0.1
0.45±0.2
3.70 min
0.4±0.25
0.035
2512
6.5±0.2
3.2±0.2
0.7±0.1
0.45±0.2
5.00 min
0.4±0.2
0.055
Physical Data
T
W
A
A
B
L
Wrap-around terminations
(3 faces)
C


Similar Part No. - HVC

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
HVC JIANGHAI-HVC Datasheet
456Kb / 2P
PC SMD 105째C Very Low ESR High Ripple Current 2.000h Lifetime(Polymer SMD)
logo
HolyStone International
HVC HOLYSTONECAPS-HVC Datasheet
387Kb / 4P
High Voltage NP0 and X7R Capacitors
logo
RUBYCON CORPORATION
HVC RUBYCON-HVC Datasheet
188Kb / 2P
POWER FILM CAPACITORS
logo
TT Electronics.
HVC TTELEC-HVC Datasheet
435Kb / 3P
Robust thick film construction
logo
Ohmite Mfg. Co.
HVC OHMITE-HVC Datasheet
330Kb / 2P
Precision High-Value High-voltage Wraparound Chip
More results

Similar Description - HVC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
High Voltage Chip Resistors
02-Oct-14
logo
IRC - a TT electronics ...
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
High Voltage Chip Resistors
logo
Rohm
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
High Voltage Resistance Chip Resistors
KTR18EZPJ270 ROHM-KTR18EZPJ270 Datasheet
133Kb / 5P
High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
High Voltage Resistance Chip Resistors
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
High Voltage Resistance Chip Resistors
logo
YAGEO Corporation
RV0603DR-0710KL YAGEO-RV0603DR-0710KL Datasheet
928Kb / 9P
HIGH VOLTAGE CHIP RESISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com