Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVL Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # HVL
Description  High Voltage Low Inductance Thick film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

HVL Datasheet(HTML) 2 Page - Welwyn Components Limited

  HVL Datasheet HTML 1Page - Welwyn Components Limited HVL Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Voltage Low Inductance
Thick film Resistors
HVL Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
Welwyn Components
198
Matched Sets
Resistors in a set can be supplied for use as precision
voltage dividers matched for tolerance and TCR down to
0.5% and 10ppm/°C.
ENQUIRIES ARE WELCOMED FOR SPECIAL RESISTORS AND
SETS
Application Notes
Mounting
Due to the high voltage which can appear between the end
cap and any adjacent metal part, resistors should be mounted
at an adequate distance from other conductors.
For some high voltage applications it is required to immerse
the components in oil or gas to reduce the effects of corona
and surface tracking. The protective coating is suitable for
these applications.
The axial termination should not be bent closer than twice
the diameter of the terminal wire from the body of the
resistor.
When the resistors are required to be plotted, the preferred
encapsulant is a silicone compound.
For voltage dividers with a low resistance section below the
minimum available value of 1k ohms, it is normal practice to
use a Welwyn resistor, RC Series, obtainable down to 1ohm.
Packaging
Resistors are supplied packed in boxes.
Standard Quantities Per Box
All Types
10 or 20 per box
Maximum
Typical
Load at rated power: 1000 hours at 70°C
∆R%
1
0.3
Shelf life: 12 months at room temperature
∆R%
0.3
0.1
Derating from rated power at 70°C
Zero at 155°C
Noise (in a decade of frequency)
µV/V
5
<2.5
Voltage coefficient of resistance
ppm/volt
5
<1
Performance Data



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com