Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOB Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # LOB
Description  Low Resistance Metal Element Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

LOB Datasheet(HTML) 2 Page - Welwyn Components Limited

  LOB Datasheet HTML 1Page - Welwyn Components Limited LOB Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
25
50
75
100
400
300
200
100
0
Resistance (ohms x 10-3)
Low Resistance Metal
Element Resistors
LOB Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
105
Issue B · 03.02
Welwyn Components
Test
MIL-STD 202
MAX %
∆R*
Unit
Load life (2000 hours)
Method 108
±1%
%
∆R
Thermal shock
Method 107
±1%
%
∆R
Vibration
Method 204
±0.5%
%
∆R
Mechanical shock
Method 213
±0.5%
%
∆R
Dielectric strength
Method 301
±0.5%
%
∆R
Insulation resistance
Method 302
>1011
ohms
0
25
50
75
100
125
150
175
100
90
80
70
60
50
40
30
20
10
0
Ambient Temp (
°C)
Power derating percentage vs
Free air ambient temperature
Temperature coefficient of resistance vs
Resistance value
*±0.0005 ohm allowance for test/contact error.
Packaging
Resistors are supplied taped and reeled.
Bulk packaging available.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com