Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRK Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # LRK
Description  Thick Film Low Resistance Kelvin Flip Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

LRK Datasheet(HTML) 1 Page - Welwyn Components Limited

  LRK Datasheet HTML 1Page - Welwyn Components Limited LRK Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thick Film Low Resistance
Kelvin Flip Chip
LRK Series
• Precision low resistance applications
• Flip chip with Kelvin design
• Low temperature coefficient
• Resistance to 0.003 ohms
• Tolerance down to ±1.0%
• 2 watt power dissipation at 70°C
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Physical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
31
LRK
Resistance range
ohms
R003-R100
Tolerance
%
to ±1
Operating temperature range
°C
-55 to +150
TCR
ppm/°C
±100 (down to 0.010)
Power dissipation (at 70°C)
watts
2.00
Temperature rise at 2 watts
°C
70
Dimensions (mm)
A
B
SC
DE
6.500±0.380
3.250±0.250
1.778
0.740±0.100
0.508±0.127
0.787±0.178
A
C
B
D
Dimensions (mm)
AB
C
D
2.54
2.413
1.778
1.27
1
34
2
R
Schematic Layout
Recommended Solder Pad Layout
The LRK low range flip chip resistor series offers very low
resistance four terminal (Kelvin) layout for applications
requiring low cost and precision current measurement. The LRK
flip chip utilises patented, non-noble copper based inks which
demonstrate high performance, precision and reliability.
SIDE
A
C
B
D
E
S
12
4
3
BOTTOM


Similar Part No. - LRK

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LRK TTELEC-LRK Datasheet
144Kb / 2P
Low temperature coefficient
logo
Contrinex AG Industrial...
LRK-1120-301 CONTRINEX-LRK-1120-301 Datasheet
111Kb / 2P
Photoelektrischer Naherungsschalter
LRK-1120-302 CONTRINEX-LRK-1120-302 Datasheet
111Kb / 2P
Photoelektrischer N채herungsschalter
LRK-1120-303 CONTRINEX-LRK-1120-303 Datasheet
111Kb / 2P
Photoelektrischer N채herungsschalter
LRK-1180-301 CONTRINEX-LRK-1180-301 Datasheet
112Kb / 2P
Photoelektrischer N채herungsschalter
More results

Similar Description - LRK

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
UR73D2BTTD10L0F KOA-UR73D2BTTD10L0F Datasheet
992Kb / 2P
THICK FILM (LOW RESISTANCE)
logo
Panasonic Semiconductor
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
Thick Film Chip Resistors / Low Resistance Type
ERJ-2BQFR75X PANASONIC-ERJ-2BQFR75X Datasheet
110Kb / 4P
Thick Film Chip Resistors / Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
Thick Film Chip Resistors / Low Resistance Type
ERJ-1TRQF1R0U PANASONIC-ERJ-1TRQF1R0U Datasheet
109Kb / 4P
Thick Film Chip Resistors / Low Resistance Type
ERJ-3RQFR47V PANASONIC-ERJ-3RQFR47V Datasheet
109Kb / 4P
Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
Thick Film Chip Resistors/ Low Resistance Type
ERJ8CWFR039V PANASONIC-ERJ8CWFR039V Datasheet
109Kb / 4P
Thick Film Chip Resistors / Low Resistance Type
ERJ-3BQF1R5V PANASONIC-ERJ-3BQF1R5V Datasheet
109Kb / 4P
Thick Film Chip Resistors / Low Resistance Type
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com