Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRZ Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # LRZ
Description  High Current Jumper Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

LRZ Datasheet(HTML) 2 Page - Welwyn Components Limited

  LRZ Datasheet HTML 1Page - Welwyn Components Limited LRZ Datasheet HTML 2Page - Welwyn Components Limited LRZ Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Current Jumper Chip
LRZ Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 02.05
Application Notes
Conventional thick film “zero-Ohm” jumper chips typically
have up to 50mΩ resistance values and 1 to 2A current
ratings. LRZ jumper chips offer a solution for currents over an
order of magnitude greater by combining lower resistance
values with better thermal conductivity.
Care should be taken when designing the associated printed
circuit board tracks to ensure that they can carry the required
current without excessive heating, for example by using
multiple layers thermally linked with many vias. Any
temperature rise caused by power dissipated in the PCB tracks
themselves should be allowed for when calculating the
ambient temperature in order to determine whether power
de-rating should be applied. The minimum recommended pad
and trace areas close to the resistor stated under Electrical
Data should be provided at each terminal. For multi-layer
PCB’s, this minimum area requirement should be met by
surface layers rather than buried layers. The actual solder pad
area follows the normal design rules for chip resistors.
LRZ jumper chips themselves can operate at a maximum
temperature of 150˚C (see performance above). For
conventionally soldered jumper chips, the joint temperature
should not exceed 110˚C. This condition is met when the
stated current levels at 70˚C are used.
100%
80%
120%
60%
40%
20%
0%
0
50
100
150
Derating Characteristic
Ambient Temperature (˚C)
1000
10
0.1
1
10
100
1000
Pulse Duration (ms)
100
Continuous Pulse Performance
LRZ1206
LRZ2010
LRZ2512
Temperature Derating
Pulse Performance
Welwyn Components
Welwyn Components
LRZ_B.qxd
2/16/05
3:49 PM
Page 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com