Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2S Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # MF2S
Description  Power Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

MF2S Datasheet(HTML) 1 Page - Welwyn Components Limited

  MF2S Datasheet HTML 1Page - Welwyn Components Limited MF2S Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Metal
Film Resistors
MF-S Series
• Small size for power rating
• Range of 4 sizes: 0.5 watt to 3 watt at 70˚C
• Flameproof protection
MF1/2S
MF1S
MF2S
MF3S
0
.
3
0
.
2
0
.
1
5
.
0
s
t
t
a
w
C
˚
0
7
t
a
g
n
i
t
a
r
r
e
w
o
P
k
0
7
4
–
1
R
0
M
1
–
1
R
0
s
m
h
o
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
0
5
3
s
t
l
o
v
e
g
a
t
l
o
v
t
n
e
m
e
l
e
g
n
i
t
i
m
i
L
0
1
<
0
5
1
C
˚
/
m
p
p
R
C
T
:350
10 :150
0
0
7
0
0
5
s
t
l
o
v
e
g
a
t
l
o
v
n
o
i
t
a
l
o
s
I
%
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
1 : 5, 10
>1 : 1, 2, 5
Standard values
E24 preferred
0
6
0
8
0
1
1
0
4
1
t
t
a
w
/
C
˚
e
c
n
a
d
e
p
m
i
l
a
m
r
e
h
T
5
5
1
o
t
5
5
-
C
˚
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
A
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue C · 01.06
A subsidiary of
TT electronics plc
Welwyn Components
147
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
bend
Type
L Max
D Max
f min
d nom
centres
radius
Wt.nom
MF1/2S
6.2
2.5
21.0
0.6
1.02
0.6
0.3
MF1S
9.0
3.6
19.6
0.8
12.7
1.2
0.5
MF2S
12.5
4.2
17.8
0.8
18.4
1.2
0.9
MF3S
14.5
5.3
23.8
0.8
20.3
1.2
1.1
Physical Data
L
D
f
d
10.2
Issue D · 01.07


Similar Part No. - MF2S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MF2S GOOD-ARK-MF2S Datasheet
136Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
TT Electronics.
MF2S TTELEC-MF2S Datasheet
304Kb / 3P
Flameproof protection
logo
First Silicon Co., Ltd
MF2S FS-MF2S Datasheet
204Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Ralston Instruments.
MF2S-QM-QM-PL RALSTON-MF2S-QM-QM-PL Datasheet
524Kb / 1P
2 port manifold with Quick-test connections, 5000 psi/350 bar
MF2S-XF-XM-PL RALSTON-MF2S-XF-XM-PL Datasheet
581Kb / 1P
2 port Benchtop Manifold with Quick-test XT connections
More results

Similar Description - MF2S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR01 VISHAY-PR01 Datasheet
141Kb / 14P
Power Metal Film Resistors
24-Feb-04
logo
Welwyn Components Limit...
MO1S WELWYN-MO1S Datasheet
236Kb / 2P
Power Metal Oxide Film Resistors
logo
Riedon Powertron
PMF1 RIEDON-PMF1 Datasheet
291Kb / 1P
Power Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
FLAMEPROOF POWER METAL FILM RESISTORS
logo
Vishay Siliconix
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
Flameproof Power Metal Film Resistors
logo
Vishay Siliconix
PR01 VISHAY-PR01_15 Datasheet
193Kb / 20P
Power Metal Film Leaded Resistors
10-Sep-15
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com