Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89HPES48T12 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # 89HPES48T12
Description  48-Lane 12-Port PCI Express짰 Switch
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES48T12 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button 89HPES48T12 Datasheet HTML 17Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 18Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 19Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 20Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 21Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 22Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 23Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 24Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
21 of 47
July 19, 2007
IDT 89HPES48T12 Data Sheet
Other I/Os
LOW Drive
Output
IOL
—2.5
—
mA
VOL = 0.4v
IOH
—-5.5
—
mA
VOH = 1.5V
High Drive
Output
IOL
—
12.0
—
mA
VOL = 0.4v
IOH
—-20.0
—
mA
VOH = 1.5V
Schmitt Trig-
ger Input
(STI)
VIL
-0.3
—
0.8
V
—
VIH
2.0
—
VDDIO+
0.5
V—
Input
VIL
-0.3
—
0.8
V
—
VIH
2.0
—
VDDIO+
0.5
V—
Capacitance
CIN
——
8.5
pF
—
Leakage
Inputs
—
—
+ 10
μAVDDI/O (max)
I/OLEAK W/O
Pull-ups/downs
——
+ 10
μAVDDI/O (max)
I/OLEAK WITH
Pull-ups/downs
——
+ 80
μAVDDI/O (max)
1. Minimum, Typical, and Maximum values meet the requirements under PCI Specification 1.0a.
I/O Type Parameter
Description
Min1
Typ1
Max1
Unit
Conditions
Table 17 DC Electrical Characteristics (Part 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com