Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4328 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM4328
Description  HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4328 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM4328 Datasheet HTML 17Page - PMC-Sierra, Inc PM4328 Datasheet HTML 18Page - PMC-Sierra, Inc PM4328 Datasheet HTML 19Page - PMC-Sierra, Inc PM4328 Datasheet HTML 20Page - PMC-Sierra, Inc PM4328 Datasheet HTML 21Page - PMC-Sierra, Inc PM4328 Datasheet HTML 22Page - PMC-Sierra, Inc PM4328 Datasheet HTML 23Page - PMC-Sierra, Inc PM4328 Datasheet HTML 24Page - PMC-Sierra, Inc PM4328 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 250 page
background image
STANDARD PRODUCT
PM4328 TECT3
DATASHEET
PMC-2011596
ISSUE 1
HIGH DENSITY T1/E1 FRAMER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
8
repeating pattern up to 32 bits. The test pattern can be framed or unframed.
Diagnostic abilities include single bit error insertion or error insertion at bit
error rates ranging from 10-1 to 10-7.
M23 Multiplexer Section:
· Multiplexes 7 DS2 bit streams into a single M23 format DS3 bit stream.
· Performs required bit stuffing/destuffing including generation and
interpretation of C-bits.
· Includes required FIFO buffers for rate adaptation in the multiplex path.
· Allows insertion and detection of per DS2 payload loopback requests
encoded in the C-bits to be activated under microprocessor control.
· Internally generates DS2 clock for use in integrated M13 or C-bit parity
multiplex applications. Alternatively accepts external DS2 clock reference.
· Allows per DS2 alarm indication signal (AIS) to be activated or cleared for
either direction under microprocessor control.
· Allows DS2 alarm indication signal (AIS) to be activated or cleared in the
demultiplex direction automatically upon loss of DS3 frame alignment or
signal.
· Supports C-bit parity DS3 format.
DS2 Framer Section:
· Frames to a DS2 (ANSI T1.107 section 8) signal with a maximum average
reframe time of less than 7 ms (as required by TR-TSY-000009 Section 4.1.2
and TR-TSY-000191 Section 5.2).
· Detects the DS2 alarm indication signal (AIS) in 9.9 ms in the presence of a
10-3 bit error rate.
· Extracts the DS2 X-bit remote alarm indication (RAI) bit and indicates far end
receive failure (FERF).
· Accumulates up to 255 DS2 M-bit or F-bit error events per second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com