Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFC Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # PFC
Description  TaNFilm짰 Precision Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PFC Datasheet(HTML) 2 Page - Welwyn Components Limited

  PFC Datasheet HTML 1Page - Welwyn Components Limited PFC Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environmental Test
Performance
MIL-PRF-55342
Typical
Maximum
Thermal Shock
±0.02%
±0.10%
Low Temperature Operation
±0.01%
±0.05%
Short Time Overload
±0.01%
±0.05%
High Temperature Exposure
±0.03%
±0.10%
Effects of Solder
±0.01%
±0.10%
Moisture Resistance
±0.03%
±0.10%
Life
±0.03%
±0.10%
TaNFilm
® Precision
Chip Resistors
PFC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue D · 10.03
Welwyn Components
26
Environmental Performance
Dimensions (Inches)
Model
A
B
C
D
E
W0603
0.063±0.004
0.031±0.004
0.020±0.004
0.008±0.004
0.008±0.004
W0805
0.081±0.005
0.050±0.005
0.020±0.006
0.015±0.005
0.015±0.005
W1206
0.126±0.006
0.063±0.005
0.024±0.004
0.015±0.005
0.015±0.005
Dimensions
TOP
SIDE
BOTTOM
A
C
B
D
E
PFC_D.qxd
1/10/03
1:16 PM
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com