Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB102 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS9DB102
Description  2 Output PCI Express Buffer with CLKREQ Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9DB102 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS9DB102 Datasheet HTML 5Page - Integrated Device Technology ICS9DB102 Datasheet HTML 6Page - Integrated Device Technology ICS9DB102 Datasheet HTML 7Page - Integrated Device Technology ICS9DB102 Datasheet HTML 8Page - Integrated Device Technology ICS9DB102 Datasheet HTML 9Page - Integrated Device Technology ICS9DB102 Datasheet HTML 10Page - Integrated Device Technology ICS9DB102 Datasheet HTML 11Page - Integrated Device Technology ICS9DB102 Datasheet HTML 12Page - Integrated Device Technology ICS9DB102 Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
IDTTM/ICSTM
2 Output Express* Buffer with CLKREQ# Function
ICS9DB102
REV F 08/06/07
ICS9DB102
2 Output PCI Express* Buffer with CLKREQ# Function
11
Ordering Information
ICS 9DB102yFLFT
Example:
Designation for tape and reel packaging
Lead Free, RoHS Compliant
Package Type
F = SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 to 7 digit numbers)
ICS XXXX y F LF T
MIN
MAX
MIN
MAX
A
1.35
1.75
.053
.069
A1
0.10
0.25
.004
.010
A2
--
1.50
--
.059
b
0.20
0.30
.008
.012
c
0.18
0.25
.007
.010
D
E
5.80
6.20
.228
.244
E1
3.80
4.00
.150
.157
e
L
0.40
1.27
.016
.050
N
a
0°8°0°
8°
ZD
In Millimeters
In Inches
COMMON DIMENSIONS
SEE VARIATIONS
0.635 BASIC
0.025 BASIC
COMMON DIMENSIONS
20-Lead, 150 mil SSOP (QSOP)
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
SYMBOL
SEE VARIATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com