Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS621 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS621
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS621 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS621 Datasheet HTML 1Page - Integrated Device Technology ICS621 Datasheet HTML 2Page - Integrated Device Technology ICS621 Datasheet HTML 3Page - Integrated Device Technology ICS621 Datasheet HTML 4Page - Integrated Device Technology ICS621 Datasheet HTML 5Page - Integrated Device Technology ICS621 Datasheet HTML 6Page - Integrated Device Technology ICS621 Datasheet HTML 7Page - Integrated Device Technology ICS621 Datasheet HTML 8Page - Integrated Device Technology ICS621 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ICS621
LOW SKEW 1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER
3
ICS621
REV B 030907
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS621. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
5 V
Output Enable and All Outputs
-0.5 V to VDD+0.5 V
ICLK
-0.5 V to 3.6 V (VDD > 0V)
Ambient Operating Temperature (industrial)
-40 to +85
°C
Ambient Operating Temperature (commercial)
0 to +70
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (industrial)
-40
+85
°C
Ambient Operating Temperature (commercial)
0
+70
°C
Power Supply Voltage (measured in respect to GND)
1.14
1.89
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com