Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W1206HT Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # W1206HT
Description  High Temperature TaNFilm짰 Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

W1206HT Datasheet(HTML) 2 Page - Welwyn Components Limited

  W1206HT Datasheet HTML 1Page - Welwyn Components Limited W1206HT Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PFC Hi Temp Series Issue June 2006
Welwyn Components
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
High Temperature
TaNFilm® Chip Resistors
Rated Power vs Temperature Data
100
50
50
100
150
200
Temperature in °C
Performance Data
Environmental Test
MIL-PRF-55342
Performance
Typical
Maximum
Thermal Shock
±0.02%
±0.10%
Short Time Overload
±0.02%
±0.05%
High Temperature Exposure
±0.03%
±0.10%
Effects of Solder
±0.01%
±0.10%
Moisture Resistance
±0.03%
±0.10%
Life
(1000 hours, 200°C, no load )
±0.8%
±1.0%
Life
(1000 hours, 150°C, rated power )
±0.2%
±0.5%
W1206 HT - 01 - 100R - F
Chip Size
W1206; W0805; W0603
Termination
HT = High temperature chip resistor with gold plated terminations
HTLF = High temperature chip resistor with 100% tin (Pb-free) terminations
TCR Code
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C
Value (use IEC62 code)
Tolerance (use IEC62 code)
J = ±5%; G = ±2%; F = ±1%
Ordering Data



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com