Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR5 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # PR5
Description  Precision Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PR5 Datasheet(HTML) 2 Page - Welwyn Components Limited

  PR5 Datasheet HTML 1Page - Welwyn Components Limited PR5 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum
Load: 1000 hours at 70°C
∆R %
0.5
Derating from rated power at 70°C
zero at 155°C
Short term overload
∆R %
0.25
Climatic
∆R %
0.5
Climatic category
55/125/56
Long term damp heat
∆R %
0.5
Temperature rapid change
∆R %
0.25
Resistance to solder heat
∆R %
0.25
Vibration and bump
∆R %
0.1
Insulation resistance
ohms
> 1G
Voltage proof
volts
400 min
Precision Metal
Film Resistors
PR series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
183
Issue C · 04.03
Welwyn Components
Performance Data
Packaging
All PR resistors are supplied tape packed ready for loading on
to automatic sequencing and insertion machines.
Component wires will not protrude beyond the outside edge
of the tapes.
Alternative packaging available by request.
Lead Formed resistors can also be supplied. Standard options
of Lancet, Radial and Goalpost forming are shown in the Lead
Form Information section.
52
f1
f2
6
6
5
Body location f1 – f2
≤ 1.4 mm
Standard Quantities Per Package
Type
PR4
PR5
Large ammo pack
5000
2500
PR_C.qxd
1/5/03
8:58 am
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com