Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWC Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # PWC
Description  Pulse Withstanding Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PWC Datasheet(HTML) 3 Page - Welwyn Components Limited

  PWC Datasheet HTML 1Page - Welwyn Components Limited PWC Datasheet HTML 2Page - Welwyn Components Limited PWC Datasheet HTML 3Page - Welwyn Components Limited PWC Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pulse Withstanding
Chip Resistors
PWC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue G · 03.06
Pulse Performance Data
Single Pulse
1
10
100
1000
0.0001
0.001
0.01
0.1
1
Pulse Duration ti (s)
0805
1206
2010
2512
Continuous Pulses
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
Pulse Duration ti (s)
0805
1206
2010
2512
Pulse Voltage
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
Pulse Duration ti (s)
0805
1206
2010
2512
Single Impulse
The single impulse graph is the result of
50 impulses of rectangular shape
applied at one minute intervals. The
limit of acceptance was a shift in
resistance of less than 1% from the
initial value. The power applied was
subject to the restrictions of the
maximum permissible impulse voltage
graph as shown.
Continuous Load Due to
Repetitive Pulses
The continuous load grpah was
obtained by applying repetitive
rectangular pulses where the pulse
period was adjusted so that the average
power dissipated in the resistor was
equal to its rated power at 70°C. Again
the limit of acceptance was a shift in
resistance of less than 1% from the
initial value.
Welwyn Components
Welwyn Components



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com