Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907A Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # MMBT2907A
Description  Small Signal Transistor (PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

MMBT2907A Datasheet(HTML) 2 Page - Vaishali Semiconductor

  MMBT2907A Datasheet HTML 1Page - Vaishali Semiconductor MMBT2907A Datasheet HTML 2Page - Vaishali Semiconductor MMBT2907A Datasheet HTML 3Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBT2907A
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88223
2
10-May-02
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
–VCE = 10V, –IC = 0.1mA
75
——
–VCE = 10V, –IC = 1mA
100
——
DC Current Gain
hFE
–VCE = 10V, –IC = 10mA
100
———
–VCE = 10V, –IC = 150mA
(1)
100
—
300
–VCE = 10V, –IC = 500mA
(1)
50
——
Collector Cutoff Current
–ICEV
–VEB = 0.5V, –VCE = 30V
——
50
nA
Collector Cutoff Current
–ICBO
–VCB = 50V, IE = 0
——
0.01
µA
–VCB = 50V, IE =0,TA = 125°C
——
10
Emitter-Base Cutoff Current
–IBL
–VEB = 0.5V, –VCE = 30V
——
50
nA
Collector-Emitter Saturation Voltage(1)
–VCEsat
–IC = 150mA, –IB = 15mA
——
0.4
V
–IC = 500mA, –IB = 50mA
——
1.6
Base-Emitter Saturation Voltage(1)
–VBEsat
–IC = 150mA, –IB = 15mA
——
1.3
V
–IC = 500mA, –IB = 50mA
——
2.6
Collector-Emitter Breakdown Voltage(1)
–V(BR)CEO
–IC = 10mA, IB = 0
60
——
V
Collector-Base Breakdown Voltage
–V(BR)CBO
–IC = 10
µA, IE = 0
60
——
V
Emitter-Base Breakdown Voltage
–V(BR)EBO
–IE = 10
µA, IC = 0
5.0
——
V
Current Gain-Bandwidth Product
fT
–VCE = 20V, –IC = 50mA
200
——
MHz
f = 100MHz
Output Capacitance
Cobo
–VCB = 10V, f = 1.0MHz
——
8pF
IE = 0
Input Capacitance
Cibo
–VEB = 2.0V, f = 1.0MHz
——
30
pF
IC = 0
Note:
(1) Pulse test: Pulse width
≤ 300µs, duty cycle ≤ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com