Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLX6F-GKB Datasheet(PDF) 3 Page - Cree LED

Part # CLX6F-GKB
Description  CLX6F-GKB: PLCC6 3 IN 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLX6F-GKB Datasheet(HTML) 3 Page - Cree LED

  CLX6F-GKB Datasheet HTML 1Page - Cree LED CLX6F-GKB Datasheet HTML 2Page - Cree LED CLX6F-GKB Datasheet HTML 3Page - Cree LED CLX6F-GKB Datasheet HTML 4Page - Cree LED CLX6F-GKB Datasheet HTML 5Page - Cree LED CLX6F-GKB Datasheet HTML 6Page - Cree LED CLX6F-GKB Datasheet HTML 7Page - Cree LED CLX6F-GKB Datasheet HTML 8Page - Cree LED CLX6F-GKB Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CLX6F-GKB: PLCC6 3 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1380
REV 5
3
INTENSITY BIN LIMIT
Blue(3 x 20 mA) - CLX6F-GKB
Bin Code
Min.(mcd)
Max.(mcd)
1h1j
5020
6300
W
5600
7100
1k1m
6300
8000
X
7100
9000
*
Tolerance of measurement of luminous intensity is ±10%
COLOR BIN LIMIT
Blue (3 x 20 mA) - CLX6F-GKB
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
G67
532.5
537.5
Ga
535
540
*
Tolerance of measurement of dominant wavelength is ±1 nm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com