Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLX6F-RKB Datasheet(PDF) 2 Page - Cree LED

Part # CLX6F-RKB
Description  CLX6F-RKB: PLCC6 3 IN 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLX6F-RKB Datasheet(HTML) 2 Page - Cree LED

  CLX6F-RKB Datasheet HTML 1Page - Cree LED CLX6F-RKB Datasheet HTML 2Page - Cree LED CLX6F-RKB Datasheet HTML 3Page - Cree LED CLX6F-RKB Datasheet HTML 4Page - Cree LED CLX6F-RKB Datasheet HTML 5Page - Cree LED CLX6F-RKB Datasheet HTML 6Page - Cree LED CLX6F-RKB Datasheet HTML 7Page - Cree LED CLX6F-RKB Datasheet HTML 8Page - Cree LED CLX6F-RKB Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CLX6F-RKB: PLCC6 3 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1379
REV 5
2
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current Note 1
I
F
3 x 50
mA
Peak Forward Current Note 2
I
FP
3 x 200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
3 x 130
mW
Operation Temperature
T
opr
-40 ~ +85
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Junction/Ambient 1 chip on
R
THJA
450
°C/W
Junction/Solder Point 1 chip on
R
THJS
230
°C/W
Electrostatic Discharge
Classification (MIL-STD-883E)
ESD
1000V
Note:
1.
Single-color light
2.
Pulse width ≤0.1 msec, duty ≤1/10.
TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T
A = 25°C)
Characteristics
Condition
Symbol
Values
Unit
Dominant Wavelength
I
F = 3 x 20mA
λ
DOM
619~624
nm
Spectral bandwidth at 50% I
REL max
I
F = 3 x 20mA
Δ λ
24
nm
Forward Voltage
I
F = 3 x 20mA
V
F(avg)
2.1
V
V
F(max)
2.6
V
Luminous Intensity
I
F = 3 x 20mA
I
V(min)
2240
mcd
I
V(avg)
2800
mcd
Luminous Flux(Reference)
I
F = 3 x 20mA
Φ
V(avg)
8.4
lm
Reverse Current (max)
V
R = 5 V
I
R
10
μA
*
Continuous reverse voltage can cause LED damage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com