Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SON Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # SON
Description  TaNFilm짰 Flat Precision Resistor Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

SON Datasheet(HTML) 2 Page - Welwyn Components Limited

  SON Datasheet HTML 1Page - Welwyn Components Limited SON Datasheet HTML 2Page - Welwyn Components Limited SON Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SON Series Issue June 2006
Welwyn Components
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
TaNFilm® Flat Precision
Resistor Array
C
F
Pin 1
J
L
B
N
W
E
A
G
H
TOP
BOTTOM
H
Pin 1
SIDE VIEW
(mm)
0.686
0.686
0.686
0.686
0.686
0.686
0.711
0.711
0.711
0.711
0.711
0.711
3.175
3.175
3.175
5.33 0.25
4.318
4.318
0.635
0.635
0.635
0.635
0.635
0.635
1.270
1.270
1.270
1.270
1.270
1.270
0.229R
0.229R
0.229R
0.254R
0.254R
0.254R
0.762
0.762
0.762
0.762
0.762
0.762
1.016
1.016
1.016
1.016
1.016
1.016
5.33 0.25
0.91
10.41
5.08
8.89
10.16
1.270
1.270
1.270
1.270
1.270
1.270
3.81
3.81
3.81
5.33
5.33
5.33
0.13
0.25
Physical Data
1
2
3
R1
3
R1
N
2
1
N
Schematic A
Isolated
Schematic B
Bussed
Note: N = number of pads



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com