Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPH Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # SPH
Description  General-Purpose Failsafe Moulded Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

SPH Datasheet(HTML) 2 Page - Welwyn Components Limited

  SPH Datasheet HTML 1Page - Welwyn Components Limited SPH Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Performance Data
General-Purpose Failsafe
Moulded Wirewound Resistors
SPH/SPF Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
94
Issue B · 03.02
Welwyn Components
F
P
S
H
P
S
0
0
7
1
±
0
1
.
0
0
0
0
1
±
6
1
.
0
-
1
.
0
s
m
h
o
*
)
m
p
p
(
t
n
e
i
c
if
f
e
o
c
e
r
u
t
a
r
e
p
m
e
T
0.18 - 0.68 ±800
0.11 - 0.16 ±1000
0.75 -2400 ±400
0.18 - 0.68 ±800
0.75 - 1000 ±400
1000V
S
M
R
e
g
a
tl
o
v
g
n
i
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
5
%
d
a
o
lr
e
v
o
y
r
a
t
n
e
m
o
M
5
%
n
o
it
a
r
e
p
o
e
r
u
t
a
r
e
p
m
e
t
w
o
L
5
%
e
l
c
y
c
e
r
u
t
a
r
e
p
m
e
T
5
%
y
ti
d
i
m
u
H
5
%
e
fi
l
d
a
o
L
5
%
h
t
g
n
e
r
t
s
l
a
n
i
m
r
e
T
5
%
t
a
e
h
r
e
d
l
o
s
o
t
e
c
n
a
t
s
i
s
e
R
Ambient Temperature (°C)
Ambient Temperature (°C)
SPH Power Derating
SPF Power Derating
Time (seconds)
0.1 ohm
1 ohm
10 ohm
100 ohm
1000 ohm
Power Input (watts)
SPF Typical Fusing
SPH & SFF Temperature Rise
Packaging
Resistors are supplied taped and reel. 4,000 pcs per reel.
*All ppm levels listed are maximum



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com