Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPP Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # SPP
Description  General Purpose Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

SPP Datasheet(HTML) 1 Page - Welwyn Components Limited

  SPP Datasheet HTML 1Page - Welwyn Components Limited SPP Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Purpose
Wirewound Resistors
SPP Series
• 0R1 to 2K4 ohms
• Positive high TC’s upon request
• Weldable and solderable magnetic leads
• Lower ranges available - contact factory
Dimensions (inches)
Type
A max
B max
C±0.002
SPP-1
0.400
0.148
0.032
SPP-2
0.570
0.170
0.032
SPP-3
0.570
0.170
0.032
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
97
Type
SPP-1
SPP-2
SPP-3
Resistance range
ohms
0R1 - 1K2*
0R1 - 2K4
0R1 - 2K4
Standard Tolerance
±%
5, 10
5, 10
5, 10
1 @ 85°C
2 @ 85°C
3 @ 85°C
Power Rating
watts
0.75 @ 105°C
1 @ 140°C
2 @ 145°C
0.5 @ 125°C
-
1 @ 190°C
Derating to 0 @ 160°C
-
-
Load Life Stability
watts
1 @ 85°C ± 10%
2 @ 85°C ± 10%
3 @ 85°C ± 10%
Max. Continuous Working Voltage
√PR
Min. Insulation Resistance - Dry
10,000 megohm
Min. Insulation Resistance - Wet
100 megohm
Min. Dielectric Withstanding Voltage
600 volts RMS
Current Noise
Negligible
Temperature Rise at Rated Load, 25°C Ambient
Approx. 150°C
Approx. 200°C
Approx. 225°C
Electrical Data
Note: Unless specified otherwise standard test centres are 13/4 inches.
Physical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
A
max.
C
1.125 min
B
Fuse/Pulse Applications
SPP resistors normally fuse in less than one minute with five
to ten times rated wattage depending on the range. By
modifying the windings, using a different wire size or type,
they can be made to fuse much faster.
On the other hand, by using larger wire diameters and higher
melt temperature alloys they can handle from five to fifty
times overloads of film resistors depending on the range.


Similar Part No. - SPP

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SPP TTELEC-SPP Datasheet
409Kb / 3P
Lower ranges available - contact factory
SPP TTELEC-SPP Datasheet
510Kb / 3P
Fibre Core Conformal Coated Wirewound Resistor
logo
KITAGAWA GmbH
SPP KGS-SPP Datasheet
460Kb / 1P
Spiral tube to bundle and protect cables
logo
Frequency Devices, Inc.
SPP-01 FREQUENCYDEVICES-SPP-01 Datasheet
731Kb / 4P
Dual Channel, Differential Input Signal Processing Platform
SPP-01M FREQUENCYDEVICES-SPP-01M Datasheet
731Kb / 4P
Dual Channel, Differential Input Signal Processing Platform
More results

Similar Description - SPP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
Wirewound Resistors
logo
Welwyn Components Limit...
PW-2 WELWYN-PW-2 Datasheet
147Kb / 4P
General Purpose Power Wirewound Resistors
SP20 WELWYN-SP20 Datasheet
130Kb / 2P
General-Purpose Failsafe Moulded Wirewound Resistors
SPH WELWYN-SPH Datasheet
629Kb / 2P
General-Purpose Failsafe Moulded Wirewound Resistors
WA80 WELWYN-WA80 Datasheet
114Kb / 3P
General Purpose Cement Coated Wirewound Resistors
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
WIREWOUND RESISTORS
logo
Vishay Siliconix
SPR2213 VISHAY-SPR2213 Datasheet
199Kb / 3P
Wirewound Resistors, Special Purpose, Commercial, High Power
04-Feb-11
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
Wirewound Resistors
30-Mar-12
logo
Welwyn Components Limit...
WA83-470RJI WELWYN-WA83-470RJI Datasheet
388Kb / 3P
General Purpose Cement Coated Wirewound Resistors
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
Mount Wirewound Resistors Mount Wirewound Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com