Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQP Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # SQP
Description  Ceramic Case Resisters - Wirewound / Metal Oxide
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

SQP Datasheet(HTML) 2 Page - Welwyn Components Limited

  SQP Datasheet HTML 1Page - Welwyn Components Limited SQP Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ceramic Case Resisters –
Wirewound / Metal Oxide
SQP Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue C · 07.06
Welwyn Components
Maximum
Load at rated power (1000hrs at 70˚C)
5
0
.
0
+
%
5
%
R
h
p
a
r
G
e
e
S
C
˚
0
7
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
i
t
a
r
e
D
Short term overload *
5
0
.
0
+
%
2
%
R
Damp heat steady state (56 days, 40˚C,
90% RH)
5
0
.
0
+
%
2
%
R
Temperature rapid change
5
0
.
0
+
%
2
%
R
Resistance to solder heat
5
0
.
0
+
%
1
%
R
Pulse handling
Data available by request
71
Construction
A high purity ceramic rod, with force fit end caps onto which is wound a wire element: or a deposited metal oxide film
(depending on value). The element is fitted into a ceramic case with fireproof insulation cement.
Termination Details
Material
The tinned copper lead wires are internally welded to the resistance element end caps.
Solderability
The terminations meet the requirements of IEC 115-1 Clause 4.17.3.2
Strength
The terminations meet the requirements of IEC 86.2.21
Marking
Type reference, resistance value and tolerance are legend marked onto the upper surface.
Flammability
The resistor will not burn or emit incandescent particles under any condition of applied temperature or
overload.
Solvent resistance
The body protection and marking are resistant to all normal industrial solvents suitable for printed
circuits.
Performance Data
*(Wirewound:: the lower of 5x rated power, or 2.5x LEV for 5 secs. Metal Oxide:: the lower of 6.25x rated power, or 2.5x LEV for 5 secs)
P
Metal Oxide types
100%
50%
0%
-30
70
155
240
T˚C
118%
P
Wirewound types
100%
50%
0%
-30
25
70
155
240
T˚C
Ordering Procedure
Example: 5,000 SQP3 at 1.2 kilohms and 5% tolerance in standard bulk pack option-
Model
SQP3 –
1K2
J
B10
Value (use IEC62 code)
Tolerance (use IEC62 code)
J 5%
Packing
CODE
Family
Qty/
Carton
B5
SQP2,3,5
5000
Bulk
B15
Pack
SQP7,10
1500
B1
SQP15,20
1000
Issue D · 01.07
Resistors
B5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com