Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD4 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # TD4
Description  Nickel Film Temperature Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

TD4 Datasheet(HTML) 2 Page - Welwyn Components Limited

  TD4 Datasheet HTML 1Page - Welwyn Components Limited TD4 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nickel Film
Temperature Sensor
TD4
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
189
Issue D · 08.03
Welwyn Components
Construction
A nickel film is deposited onto a high quality ceramic rod.
Nickel-plated steel caps are force fitted to the rod and
termination wires are welded to the caps.
A laser is used to adjust the resistance value of the sensor by
cutting a helix into the film The body is protected with a high
purity organic coating.
Terminations
Material
Solder-coated copper wire
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability
The terminations meet the requirements of
IEC115-1 Clause 4.17.3.2
Marking
TD4: Type reference, resistance and tolerance code.
Packaging
The standard packaging is in boxes. Taped sensors (on reel or
in ammo pack) can also be supplied by special request.
Actual Performance
Long term stability (1000hrs @ 155°C)
Resistance @ 25°C
%
0.18
Equivalent to
°C
0.4
Thermal shock (10 cycles -55°C to 155°C)
Resistance @ 25°C
%
0.02
Equivalent to
°C
0.04
Performance Data for R0 = 100ohms
Physical Data
Type
TD4
Small box
250
Large box
1,000
Reel
5,000
Ammo pack
1,000
Dimensions (mm) & Weight (g)
L max
D max
f min
d nom
PCB
Min
Wt.
mounting
Bend
nom
centre
Radius
TD4
7.2
2.5
30
0.6
10.2
0.6
0.24
L
D
f
d
Standard Quantities Per Package
TD4 tolerance vs temperature
-5
-4
-3
-2
-1
0
1
2
3
4
5
-75
-50
-25
0
25
50
75
100
125
150
175
Temperature (
°C)
TD4_D.qxd
13/8/03
3:12 pm
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com