Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULR Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # ULR
Description  Metal Strip Current Sense Resistors Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

ULR Datasheet(HTML) 2 Page - Welwyn Components Limited

  ULR Datasheet HTML 1Page - Welwyn Components Limited ULR Datasheet HTML 2Page - Welwyn Components Limited ULR Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Construction
Black type
A low TCR resistance alloy plate, with plated connection bands is protectively coated and numerically marked with the
resistance value. This part has standard plated end connections and is suitable for wave or IR reflow soldering.
Green type
A low TCR resistance alloy plate is grooved to set the final resistance, the lower faces are solder plated for
connections, and it is protectively coated and numerically marked with the resistance value. This part is ONLY suitable
for IR reflow soldering.
Marking
For values which are integer numbers of milliohms, the marking is 4-character IEC62 code; e.g. “R002” for 2m
Ω,
“R010” for 10m
Ω. For values including fractions of a milliohm the marking is 3 or 4-character code using “M” to
indicate the decimal point, e.g. “M75” for 0.75m
Ω, “1M50” for 1.5mΩ.
Termination Details:
Material
Matt tin plated finish over a barrier layer
Solderability
95% min coverage (MIL-STD 202F / 208H, 235ºC 2 secs)
Performance Data
Maximum
Load at rated power (1000hrs cyclic load at 70
°C)
∆R%
±1% + 0.5m
Ω (Black): ±1% (Green)
De-rating from rated power at 80
°C
See Graph
Short term overload (5 x rated power for 5s)
∆R%
±0.5% + 0.5m
Ω (Black): ±1% (Green)
Dry heat (96Hrs, no load, +155°C)
∆R%
±1% + 0.5m
Ω (Black): ±1% (Green)
Temperature rapid change (-55 / +150ºC, 100 cycles)
∆R%
±0.5% + 0.5m
Ω (Black): ±1% (Green)
Resistance to solder heat (260ºC for 10s)
∆R%
±0.5% + 0.5m
Ω (Black): ±1% (Green)
Power de-rating graph
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own test data and is considered accurate at time of print.
©Welwyn Components Limited
Welwyn Electronics Park, Bedlington, Northumberland, NE22 7AA, England. Tel: 01670 822181 Fax: 01670 829465 Web: www.welwyn-tt.com
100%
P
0%
50%
T°C
80
170
0
-55
A subsidiary of TT electronics plc
Sn Plated Finish
Sn Plated Finish
Green type
Black type



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com