Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4541 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM4541
Description  T1XC EVALUATION DAUGHTER BOARD
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4541 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM4541 Datasheet HTML 17Page - PMC-Sierra, Inc PM4541 Datasheet HTML 18Page - PMC-Sierra, Inc PM4541 Datasheet HTML 19Page - PMC-Sierra, Inc PM4541 Datasheet HTML 20Page - PMC-Sierra, Inc PM4541 Datasheet HTML 21Page - PMC-Sierra, Inc PM4541 Datasheet HTML 22Page - PMC-Sierra, Inc PM4541 Datasheet HTML 23Page - PMC-Sierra, Inc PM4541 Datasheet HTML 24Page - PMC-Sierra, Inc PM4541 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
TELECOM STANDARD PRODUCT
PMC-Sierra, Inc.
PM4541 T1XC-EVBD
PMC-920314
ISSUE 2
T1XC EVALUATION DAUGHTERBOARD
18
DOUT
READ CYCLE
WRITE CYCLE
BALE
BRWB
BA[15:8]
BAD[7:0]
T1XC_WRB
T1XC_RDB
HCT245 DIR
T1XC_CSB
BE_CLOCK
A[7:0]
BA="C0";
BRWB=1
BA °"C0";
BRWB=1
BA="C0";
BRWB=0
BA °"C0";
BRWB=0
DOUT
A[7:0]
DIN
A[7:0]
DIN
A[7:0]
Figure 4: Decode Logic Waveforms
6.3
Clock PLL and DIP Switches
One Mitel MT8940 provides all clocks necessary to drive the various backplane
rates supported by the T1XC. The MT8940 is a dual digital PLL which can provide
timing and synchronization signals for T1 or CEPT transmission links and the ST-
BUS . The first PLL provides the T1 clock (1.544 MHz) synchronized to an input
framing pulse. The second PLL provides CEPT or ST-BUS timing signals
synchronized to an internal or external framing pulse signal. For a more detailed
description of the device, refer to the datasheet on the MT8940 in the Mitel
Semiconductor Databook.
All outputs of the MT8940 are either brought out to header blocks or routed to the
CSU connector DIP sockets. A single 8-position DIP switch provides control over the
mode of the MT8940 device as well as control over the output clock enables. If the
MT8940 is not used, it can be removed from the daughterboard and its oscillators
can be replaced with 1.544 MHz and 2.048 MHz devices. The PLL oscillator clock
outputs are conveniently brought out to the header strip for use on the
daughterboard.
The mapping of the DIP switches to the MT8940 ports is as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com