Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRW37 Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # VRW37
Description  High Voltage Thick Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

VRW37 Datasheet(HTML) 3 Page - Welwyn Components Limited

  VRW37 Datasheet HTML 1Page - Welwyn Components Limited VRW37 Datasheet HTML 2Page - Welwyn Components Limited VRW37 Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Procedure
Example: VRW25 at 1.2 megohms and 5% tolerance in ammo pack box of 5000 pieces -
Model
VRW25 –
1M2
J
I
Value (use IEC62 code)
Tolerance (use IEC62 code)
J5%
G2%
J5%
Packing
I
Ammo
VRW25
5000/box
standard
VRW37
25000/box
High Voltage
Thick Film Resistors
SQP Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue C · 07.06
Welwyn Components
71
VRW Series
F 1%
2500/box
Issue B · 01.07



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com