Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W24 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # W24
Description  Vitreous Enamelled Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

W24 Datasheet(HTML) 2 Page - Welwyn Components Limited

  W24 Datasheet HTML 1Page - Welwyn Components Limited W24 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vitreous Enamelled
Wirewound Resistors
W20 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
86
Issue C · 04.03
Welwyn Components
CECC 40201-002
Actual Performance
Requirements
Maximum
Typical
Load at commercial rating: 1000 hrs at 25°c
∆R%
5
3.5
Load at CECC rating: 1000 hours at 25°c
∆R%
5
5
3.5
Dry heat: 1000 hours at 200°c
∆R%
521
Shelf life: 12 months at room temperature
∆R%
not specified
0.03
0.02
Derating
see derating curve
Short term overload
∆R%
1
1.0
0.2
Climatic
∆R%
5
0.5
0.2
Climatic category
∆R%
55/200/56
Long term damp heat
∆R%
5
0.05
0.02
Temperature rapid change
∆R%
1
0.5
0.2
Resistance to solder heat
∆R%
1
0.25
0.03
Vibration and bump
∆R%
1
0.25
0.05
Noise (in decade of frequency)
µv/v
not specified
zero
zero
Robustness
∆R%
1
0.4
0.05
Insulation resistance
ohms
not specified
>.1G ohm
>.1G ohm
Voltage Proof
volts
not specified
500 min
500 min
Pulse handling
data available by request
Performance Data
Flammability
All materials used in the construction of ‘W’ series resistors
are inorganic and inherently non burning.
b
f1
f2
6
6
10
f1 – f2
≤ 1.4 mm
Application Notes
The termination should not be bent closer than 1.6mm from
the body, and the recommended minimum bend radius is
1.2mm. The terminations are solderable to within 4mm from
the body. When cold, vitreous enamel has excellent insulation
resistance. In common with all insulants the specific resistance
of the enamel decreases with increase in temperature.
Therefore, resistors operated at near maximum temperature
cannot be classed as insulated and should not be used in
contact with any conducting material. Care must be taken
when determining clearance distance between the resistor
body and the printed circuit board or other components to
ensure these are not over heated. Resistance is measured
6mm from body.
Type
W21
W215
W22
W23
W24
Ammo pack
1000
750
500
n/a
n/a
Reel
1000
750
700
n/a
n/a
Small box
n/a
n/a
n/a
50
25
Standard Quantities Per Package
25
70
200
315
116
100
54
0
Ambient temperature
°C
Derating Curve
Type
b
W21
63±2
W215
73±2
W22
73±2
Packaging
For W21 and W215 the standard method of packaging is
taped in Ammo Packs. For W22 the standard method of
packaging is taped and reeled. Alternatives available by
special request are detailed in the table below. W23’s and
W24’s are available only as loose packed in boxes. W series
resistors can be supplied preformed. Contact factory for
details.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
W20_C.qxd
28/4/03
10:19 am
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com