Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843246BGI Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS843246BGI
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843246BGI Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS843246BGI Datasheet HTML 9Page - Integrated Device Technology ICS843246BGI Datasheet HTML 10Page - Integrated Device Technology ICS843246BGI Datasheet HTML 11Page - Integrated Device Technology ICS843246BGI Datasheet HTML 12Page - Integrated Device Technology ICS843246BGI Datasheet HTML 13Page - Integrated Device Technology ICS843246BGI Datasheet HTML 14Page - Integrated Device Technology ICS843246BGI Datasheet HTML 15Page - Integrated Device Technology ICS843246BGI Datasheet HTML 16Page - Integrated Device Technology ICS843246BGI Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
IDT™ / ICS™ 3.3V LVPECL FREQUENCY SYNTHESIZER
13
ICS843246BGI REV. A AUGUST 2, 2007
ICS843246I
FEMTOCLOCKS™ CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
LVPECL output driver circuit and termination are shown in Figure 7.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load, and a termination
voltage of V
CCO
– 2V.
•
For logic high, V
OUT
= V
OH_MAX
= V
CCO_MAX
– 0.9V
(V
CCO_MAX
– V
OH_MAX
) = 0.9V
•
For logic low, V
OUT
= V
OL_MAX
= V
CCO_MAX
– 1.7V
(V
CCO_MAX
– V
OL_MAX
) = 1.7V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(V
OH_MAX
– (V
CCO_MAX
– 2V))/R
L
] * (V
CCO_MAX
– V
OH_MAX
) = [(2V – (V
CCO_MAX
– V
OH_MAX
))/R
L
] * (V
CCO_MAX
– V
OH_MAX
) =
[(2V – 0.9V)/50
Ω] * 0.9V = 19.8mW
Pd_L = [(V
OL_MAX
– (V
CCO_MAX
– 2V))/R
L
] * (V
CCO_MAX
– V
OL_MAX
) = [(2V – (V
CCO_MAX
– V
OL_MAX
))/R
L
] * (V
CCO_MAX
– V
OL_MAX
) =
[(2V – 1.7V)/50
Ω] * 1.7V = 10.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30mW
FIGURE 7. LVPECL DRIVER CIRCUIT AND TERMINATION
Q1
V
OUT
V
CCO
RL
50
V
CCO - 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com