Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFI Datasheet(PDF) 21 Page - Integrated Circuit Systems

Part # ICS1893CFI
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFI Datasheet(HTML) 21 Page - Integrated Circuit Systems

Back Button ICS1893CFI Datasheet HTML 17Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 18Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 19Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 20Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 21Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 22Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 23Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 24Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 25Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 126 page
background image
Chapter 5 Interface Overviews
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
21
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
If a crystal is used as the clocking source, connect it to both the Ref_in (pin 47) and Ref_out (pin 46) pins
of the ICS1893CF. A pair of bypass capacitors on either side of the crystal are connected to ground. The
crystal is used in the parallel resonance or anti-resonance mode. The value of the load caps serve to adjust
the final frequency of the crystal oscillation. Typical applications would use 33pF load caps. The exact
value will be affected by the board routing capacitance on Ref_in and Ref_out pins. Smaller load capacitors
raise the frequency of oscillation. Once the exact value of load capacitance is established it will be the
same for all boards using the same specification crystal. The best way to measure the crystal frequency is
to measure the frequency of TXCLK (pin 37) using a frequency counter with a 1 second gate time. Using
the buffered output TXCLK prevents the crystal frequency from being affected by the measurement. The
crystal specification is shown in Table 5.1.
Table 5-1. 25MHz Crystal Specification
Specifications
Symbol Minimum
Typical Maximum
Unit
Fundamental Frequency
(tolerance is sum of freq.,
temp., stability and aging.)
F0
24.99875 25.00000
25.00125
MHz
Freq. Tolerance
∆F/f
± 50
ppm
Input Capacitance
Cin
3
pF
Table 5-2. 25MHz Oscillator Specification
Specifications
Symbol Minimum
Typical Maximum
Unit
Output Frequency
F0
24.99875 25.00000
25.00125
MHz
Freq. Stability (including aging)
∆F/f
± 50
ppm
Duty cycle CMOS level
one-half VDD
Tw/T
35
65
%
VIH
2.79
Volts
VIL
0.33
Volts
Period Jitter
Tjitter
500
pS
Input Capacitance
CIN
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com