Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC56PAST-Q Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # BC56PAST-Q
Description  80 V, 1 A NPN medium power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC56PAST-Q Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button BC56PAST-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC56PAST-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC56PAST-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC56PAST-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC56PAST-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC56PAST-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC56PAST-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC56PAST-Q Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC56PAST-Q Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Nexperia
BC56PAST-Q series
80 V, 1 A NPN medium power transistors
aaa-040590
1.4
VBEsat
(V)
0.2
IC (mA)
10-1
104
103
1
102
10
0.6
1.0
(1)
(2)
(3)
IC/IB = 10
(1) Tamb = -55 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 8. Base-emitter saturation voltage as a function of
collector current; typical values
aaa-040591
1
VCESat
(V)
10-2
IC (mA)
10-1
104
103
1
102
10
10-1
(1)
(2)
(3)
IC/IB = 10
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -55 °C
Fig. 9. Collector-emitter saturation voltage as a
function of collector current; typical values
aaa-040592
1
VCESat
(V)
10-2
IC (mA)
10-1
104
103
1
102
10
10-1
(3)
(2)
(1)
Tamb = 25 °C
(1) IC/IB = 50
(2) IC/IB = 20
(3) IC/IB = 5
Fig. 10. Collector-emitter saturation voltage as a
function of collector current; typical values
aaa-040593
VCB (V)
10-1
102
10
1
10
102
Cc
(pF)
1
f = 1 MHz; Tamb = 25 °C
Fig. 11. Collector capacitance as a function of collector-
base voltage; typical values
BC56PAST-Q_SER
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 23 August 2024
7 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com