Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC56PAST Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BC56PAST
Description  80 V, 1 A NPN medium power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC56PAST Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BC56PAST Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC56PAST Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC56PAST Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC56PAST Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC56PAST Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC56PAST Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC56PAST Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC56PAST Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC56PAST Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BC56PAST series
80 V, 1 A NPN medium power transistors
Rev. 1 — 23 August 2024
Product data sheet
1. General description
NPN medium power transistors in an ultra thin DFN2020D-3 (SOT1061D) leadless small Surface-
Mounted Device (SMD) plastic package with medium power capability and Side-Wettable Flanks
(SWF).
Table 1. Product overview
Type number
Package
PNP complement
BC56PAST
DFN2020D-3 (SOT1061D)
BC53PAST
BC56-10PAST
BC53-10PAST
BC56-10PAST
BC53-10PAST
2. Features and benefits
• High collector current capability IC and ICM
• Three current gain selections
• Reduced Printed-Circuit Board (PCB) area requirements
• Leadless small SMD plastic package with solderable side pads
• Exposed heat sink for excellent thermal and electrical conductivity
• Suitable for Automatic Optical Inspection (AOI) of solder point
3. Applications
• Linear voltage regulators
• MOSFET drivers
• High-side switches
• Power management
• Amplifiers
• Bettery driven devices
4. Quick reference data
Table 2. Quick reference data
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
80
V
IC
collector current
-
-
1
A
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
-
2
A


Similar Part No. - BC56PAST

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC56PAST NEXPERIA-BC56PAST Datasheet
266Kb / 12P
80 V, 1 A PNP medium power transistors
Rev. 1 23 August 2024
BC56PAST-Q NEXPERIA-BC56PAST-Q Datasheet
265Kb / 12P
80 V, 1 A NPN medium power transistors
Rev. 1 23 August 2024
BC56PAST-Q NEXPERIA-BC56PAST-Q Datasheet
268Kb / 12P
80 V, 1 A PNP medium power transistors
Rev. 1 23 August 2024
More results

Similar Description - BC56PAST

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC639 NXP-BC639 Datasheet
161Kb / 15P
80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
BCX56-16.115 NXP-BCX56-16.115 Datasheet
161Kb / 15P
80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
BCP56 PHILIPS-BCP56_15 Datasheet
1Mb / 22P
80 V, 1 A NPN medium power transistors
Rev. 9-25 October 2011
logo
Nexperia B.V. All right...
BC56PA-Q_SER NEXPERIA-BC56PA-Q_SER Datasheet
250Kb / 13P
80 V, 1 A NPN medium power transistors
Rev. 2 - 24 June 2022
BC56PA_SER NEXPERIA-BC56PA_SER Datasheet
250Kb / 13P
80 V, 1 A NPN medium power transistors
Rev. 10 - 1 July 2022
BCP56 NEXPERIA-BCP56 Datasheet
1Mb / 22P
80 V, 1 A NPN medium power transistors
Rev. 9 - 25 October 2011
BCP56H_SER NEXPERIA-BCP56H_SER Datasheet
1Mb / 16P
80 V, 1 A NPN medium power transistors
Rev. 1 - 23 November 2016
BCP56T_SER NEXPERIA-BCP56T_SER Datasheet
287Kb / 15P
80 V, 1 A NPN medium power transistors
Rev. 3 - 1 July 2022
BCP56_SER NEXPERIA-BCP56_SER Datasheet
247Kb / 12P
80 V, 1 A NPN medium power transistors
Rev. 11 - 1 July 2022
BCX56-Q_SER NEXPERIA-BCX56-Q_SER Datasheet
239Kb / 12P
80 V, 1 A NPN medium power transistors
Rev. 2 - 17 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com