Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFILF Datasheet(PDF) 101 Page - Integrated Circuit Systems

Part # ICS1893CFILF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFILF Datasheet(HTML) 101 Page - Integrated Circuit Systems

Back Button ICS1893CFILF Datasheet HTML 97Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 98Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 99Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 100Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 101Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 102Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 103Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 104Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 105Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 126 page
background image
Chapter 9 DC and AC Operating Conditions
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
101
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
9.4 DC Operating Characteristics
This section lists the ICS1893CF DC operating characteristics.
9.4.1 DC Operating Characteristics for Supply Current
Table 9-4 lists the DC operating characteristics for the supply current to the ICS1893CF under various
conditions.
Note: All VDD_IO measurements are taken with respect to VSS (which equals 0 V).
† These supply current parameters are measured through VDD pins to the ICS1893CF. The supply current
parameters include external transformer currents.
‡ Measurements taken with 100% data transmission and the minimum inter-packet gap.
9.4.2 DC Operating Characteristics for TTL Inputs and Outputs
Table 9-5 lists the 3.3-V DC operating characteristics of the ICS1893CF TTL inputs and outputs.
Note: All VDD_IO measurements are taken with respect to VSS (which equals 0 V).
Table 9-4. DC Operating Characteristics for Supply Current
Parameter
Operating Mode
Symbol
Min.
Typ.
Max.
Units
Supply Current†
100Base-TX‡
IDD_IO
–
–
11
mA
IDD
–
–
125
mA
Supply Current†
10Base-T‡
IDD_IO
–
–
8
mA
IDD
–
–
160
mA
Supply Current†
Auto-Negotiation
IDD_IO
–
–
8
mA
IDD
–
–
90
mA
Supply Current†
Power-Down
IDD_IO
–
–
5
mA
IDD
–
–
5
mA
Supply Current†
Reset
IDD
–
–
11
mA
Table 9-5. 3.3-V DC Operating Characteristics for TTL Inputs and Outputs
Parameter
Symbol
Conditions
Min.
Max.
Units
TTL Input High Voltage
VIH
VDD_IO = 3.47 V
–
2.0
–
V
TTL Input Low Voltage
VIL
VDD_IO = 3.47 V
–
–
0.8
V
TTL Output High Voltage
VOH
VDD_IO = 3.14 V
IOH = –4 mA
2.4
–
V
TTL Output Low Voltage
VOL
VDD_IO = 3.14 V
IOL = +4 mA
–
0.4
V
TTL Driving CMOS,
Output High Voltage
VOH
VDD_IO = 3.14 V
IOH = –4 mA
2.4
–
V
TTL Driving CMOS,
Output Low Voltage
VOL
VDD_IO = 3.14 V
IOL = +4 mA
–
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com