Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFILF Datasheet(PDF) 77 Page - Integrated Circuit Systems

Part # ICS1893CFILF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFILF Datasheet(HTML) 77 Page - Integrated Circuit Systems

Back Button ICS1893CFILF Datasheet HTML 73Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 74Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 75Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 76Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 77Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 78Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 79Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 80Page - Integrated Circuit Systems ICS1893CFILF Datasheet HTML 81Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 126 page
background image
Chapter 7 Management Register Set
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
77
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.13 Register 18: 10Base-T Operations Register
The 10Base-T Operations Register provides an STA with the ability to monitor and control the ICS1893CF
activity while the ICS1893CF is operating in 10Base-T mode.
Note:
1. For an explanation of acronyms used in Table 7-20, see Chapter 1, “Abbreviations and Acronyms”.
2. During any write operation to any bit in this register, the STA must write the default value to all
Reserved bits.
7.13.1 Remote Jabber Detect (bit 18.15)
The Remote Jabber Detect bit is provided to indicate that an ICS1893CF port has detected a Jabber
Condition on its receive path. This bit is reset to logic zero on a read of the 10Base-T operations register.
When this bit is logic:
Zero, it indicates a Jabber Condition has not occurred on the port’s receive path since either the last read
of this register or the last reset of the associated port.
One, it indicates a Jabber Condition has occurred on the port’s receive path since either the last read of
this register or the last reset of the associated port.
This bit is a latching high bit. (For more information on latching high and latching low bits, see Section
7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.)
Note: This bit is provided for information purposes only (that is, no actions are taken by the port). The
ISO/IEC specification defines the Jabber Condition in terms of a port’s transmit path. To set this bit,
an ICS1893CF port monitors its receive path and applies the ISO/IEC Jabber criteria to its receive
path.
Table 7-20. 10Base-T Operations Register (register 18 [0x12])
Bit
Definition
When Bit = 0
When Bit = 1
Ac-
cess
SF
De-
fault
Hex
18.15 Remote Jabber
Detect
No Remote Jabber
Condition detected
Remote Jabber Condition
Detected
RO
LH
0
18.14 Polarity reversed
Normal polarity
Polarity reversed
RO
LH
0
18.13 ICS reserved
Read unspecified
Read unspecified
RW/0
18.12 ICS reserved
Read unspecified
Read unspecified
RW/0
18.11
ICS reserved
Read unspecified
Read unspecified
RW/0
18.10 ICS reserved
Read unspecified
Read unspecified
RW/0
18.9
ICS reserved
Read unspecified
Read unspecified
RW/0
18.8
ICS reserved
Read unspecified
Read unspecified
RW/0
18.7
ICS reserved
Read unspecified
Read unspecified
RW/0
18.6
ICS reserved
Read unspecified
Read unspecified
RW/0
18.5
Jabber inhibit
Normal Jabber behavior
Jabber Check disabled
RW
0
18.4
ICS reserved
Read unspecified
Read unspecified
RW/1
1
18.3
Auto polarity inhibit
Polarity automatically
corrected
Polarity not automatically
corrected
RW
0
0
18.2
SQE test inhibit
Normal SQE test behavior SQE test disabled
RW
0
18.1
Link Loss inhibit
Normal Link Loss behavior Link Always = Link Pass
RW
0
18.0
Squelch inhibit
Normal squelch behavior
No squelch
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com