Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFIT Datasheet(PDF) 112 Page - Integrated Circuit Systems

Part # ICS1893CFIT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFIT Datasheet(HTML) 112 Page - Integrated Circuit Systems

Back Button ICS1893CFIT Datasheet HTML 108Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 109Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 110Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 111Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 112Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 113Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 114Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 115Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 116Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
112
Chapter 9 DC and AC Operating Conditions
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
9.5.10 100M / MII Media Independent Interface: Transmit Latency
Table 9-17 lists the significant time periods for the MII / 100 Stream Interface transmit latency. The time
periods consist of timings of signals on the following pins:
• TXEN
• TXCLK
• TXD (that is, TXD[3:0])
• TP_TX (that is, TP_TXP and TP_TXN)
Figure 9-11 shows the timing diagram for the time periods.
† The IEEE maximum is 18 bit times.
Figure 9-11. MII / 100M Stream Interface Transmit Latency Timing Diagram
Table 9-17. MII / 100M Stream Interface Transmit Latency
Time
Period
Parameter
Conditions
Min. Typ. Max.
Units
t1
TXEN Sampled to MDI Output of First
Bit of /J/ †
MII mode
–
2.8
3
Bit times
TXEN
TXCLK
TXD
TP_TX†
† Shown
unscrambled.
t1
Preamble /K/
Preamble /J/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com