Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFIT Datasheet(PDF) 75 Page - Integrated Circuit Systems

Part # ICS1893CFIT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFIT Datasheet(HTML) 75 Page - Integrated Circuit Systems

Back Button ICS1893CFIT Datasheet HTML 71Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 72Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 73Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 74Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 75Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 76Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 77Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 78Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 79Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 126 page
background image
Chapter 7 Management Register Set
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
75
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.12.6 False Carrier (bit 17.8)
The False Carrier bit indicates to an STA the detection of a False Carrier by the ICS1893CF in 100Base
mode.
A False Carrier occurs when the ICS1893CF begins evaluating potential data on the incoming 100Base
data stream, only to learn that it was not a valid /J/K/. If this bit is set to a logic:
• Zero, it indicates a False Carrier has not been detected since either the last read or reset of this register.
• One, it indicates a False Carrier was detected since either the last read or reset of this register.
This bit is a latching high bit. (For more information on latching high and latching low bits, see Section
7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.)
Note: This bit has no definition in 10Base-T mode.
7.12.7 Invalid Symbol (bit 17.7)
The Invalid Symbol bit indicates to an STA the detection of an Invalid Symbol in a 100Base data stream by
the ICS1893CF.
When the ICS1893CF is receiving a packet, it examines each received Symbol to ensure the data is error
free. If an error occurs, the port indicates this condition to the MAC by asserting the RXER signal. In
addition, the ICS1893CF sets its Invalid Symbol bit to logic one. Therefore, if this bit is set to a logic:
• Zero, it indicates an Invalid Symbol has not been detected since either the last read or reset of this
register.
• One, it indicates an Invalid Symbol was detected since either the last read or reset of this register.
This bit is a latching high bit. (For more information on latching high and latching low bits, see Section
7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.)
Note: This bit has no definition in 10Base-T mode.
7.12.8 Halt Symbol (bit 17.6)
The Halt Symbol bit indicates to an STA the detection of a Halt Symbol in a 100Base data stream by the
ICS1893CF.
During reception of a valid packet, the ICS1893CF examines each symbol to ensure that the data being
passed to the MAC Interface is error free. In addition, it looks for special symbols such as the Halt Symbol.
If a Halt Symbol is encountered, the ICS1893CF indicates this condition to the MAC.
If this bit is set to a logic:
• Zero, it indicates a Halt Symbol has not been detected since either the last read or reset of this register.
• One, it indicates a Halt Symbol was detected in the packet since either the last read or reset of this
register.
This bit is a latching high bit. (For more information on latching high and latching low bits, see Section
7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.)
Note: This bit has no definition in 10Base-T mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com