Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83905AMT Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS83905AMT
Description  LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83905AMT Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS83905AMT Datasheet HTML 9Page - Integrated Device Technology ICS83905AMT Datasheet HTML 10Page - Integrated Device Technology ICS83905AMT Datasheet HTML 11Page - Integrated Device Technology ICS83905AMT Datasheet HTML 12Page - Integrated Device Technology ICS83905AMT Datasheet HTML 13Page - Integrated Device Technology ICS83905AMT Datasheet HTML 14Page - Integrated Device Technology ICS83905AMT Datasheet HTML 15Page - Integrated Device Technology ICS83905AMT Datasheet HTML 16Page - Integrated Device Technology ICS83905AMT Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER
13
ICS83905AM REV. B JULY 9, 2007
ICS83905
LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
LAYOUT GUIDELINE
Figure 5 shows an example of ICS83905 application schematic.
In this example, the device is operated at V
DD = 3.3V and VDDO =
3.3V. The decoupling capacitors should be located as close as
possible to the power pins. The input is driven by an 18pF load
resonant quartz crystal. The tuning capacitors (C1, C2) are fairly
VDD
R2
31
C6
.1uF
VDDO
ENABLE 2
R4
100
Zo = 50 Ohm
VDD = 3.3V
C2
15pf
VDD
C1
15pF
LVCMOS
ENABLE 1
CL = 18 pf
Optional Termination
R3
100
C4
.1uF
LVCMOS
Zo = 50 Ohm
VDDO
U1
ICS83905
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
XTAL_OUT
ENABLE 2
GND
BCLK0
VDDO
BCLK1
GND
BCLK2
VDD
BCLK3
GND
BCLK4
VDDO
BCLK5
ENABLE 1
XTAL_IN
C3
10uF
VDDO = 3.3V
Unused outputs can be left floating. There should be
no trace attached to unused outputs. Device
characterized and specification limits set with all
outputs terminated.
C5
.1uF
accurate, but minor adjustments might be required. For the
LVCMOS output drivers, two termination examples are shown in
the schematic. For additional termination, examples are shown
in the LVCMOS Termination Application Note.
FIGURE 5. SCHEMATIC OF RECOMMENDED LAYOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com