Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSM Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # WSM
Description  Moulded Surface Mount Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WSM Datasheet(HTML) 2 Page - Welwyn Components Limited

  WSM Datasheet HTML 1Page - Welwyn Components Limited WSM Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Moulded Surface Mount
Wirewound Resistors
WSM Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
46
Issue C · 04.02
Welwyn Components
Physical Data
Dimensions (mm)
Ao
Bo
Ko
W
P
t
Po
WSM1
4.2
7.62
4.2
16
8
0.36
4 ± 0.1
WSM2
6.75
11.95
5.22
24
12
0.36
4 ± 0.1
WSM3
7.3
18.3
6.7
32
12
0.4
4 ± 0.1
All other dimensions as per EIA481 standard
WSM1
WSM2
WSM3
Load at rated power: 1000 hrs @ 70°C
∆R%
2 ± 0.001
Ω
2 ± 0.001
Ω
3 ± 0.001
Ω
Dry heat
1000 hrs @ 155°C
∆R%
2 ± 0.001
Ω
2 ± 0.001
Ω
3 ± 0.001
Ω
Short term overload
∆R%
2 ± 0.001
Ω
Derating from rated power @ 70°C
zero at 155°C
Moisture
∆R%
1 ± 0.001
Ω
1 ± 0.001
Ω
1.5 ± 0.001
Ω
Temperature cycling
∆R%
1 ± 0.001
Ω
Resistance to solder heat
∆R%
1 ± 0.001
Ω
Isolation voltage
V
1,000
Insulation resistance
ohms
>1000M
Substrate bend
∆R%
0.2 ± 0.001
Ω
Performance Data
Note: The power ratings to be applied depend upon the board used and the ambient temperature.
WSM_C.qxd
29/4/03
10:38 am
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com