Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1626IPAPT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1626IPAPT
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1626IPAPT Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1626IPAPT Datasheet HTML 9Page - Texas Instruments ADS1626IPAPT Datasheet HTML 10Page - Texas Instruments ADS1626IPAPT Datasheet HTML 11Page - Texas Instruments ADS1626IPAPT Datasheet HTML 12Page - Texas Instruments ADS1626IPAPT Datasheet HTML 13Page - Texas Instruments ADS1626IPAPT Datasheet HTML 14Page - Texas Instruments ADS1626IPAPT Datasheet HTML 15Page - Texas Instruments ADS1626IPAPT Datasheet HTML 16Page - Texas Instruments ADS1626IPAPT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
13
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, VCM = 2.0V, and RBIAS = 37kΩ,
unless otherwise noted.
NOISE HISTOGRAM
9k
8k
7k
6k
5k
4k
3k
2k
1k
0
Output Code (LSB)
V
IN =0V
INTERMODULATION RESPONSE
400
450
500
550
600
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
f
IN1 =495kHz
f
IN2 =505kHz
IMD =
−98dB
SIGNAL−TO−NOISE RATIO, TOTAL HARMONIC DISTORTION,
AND SPURIOUS−FREE DYNAMIC RANGE
vs INPUT SIGNAL AMPLITUDE
−70
−60
−50
−40
−30
−20
−10
0
Input Signal Amplitude, V
IN (dB)
110
100
90
80
70
60
50
40
30
20
10
SFDR
THD
SNR
f
IN = 100kHz
SIGNAL−TO−NOISE RATIO
vs INPUT FREQUENCY
1k
10k
100k
1M
Input Frequency, f
IN (Hz)
95
90
85
80
75
70
V
IN = −2dBFS
V
IN = − 6dBFS
V
IN = −20dBFS
TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY
1k
10k
100k
1M
Input Frequency, f
IN (Hz)
−80
−85
−90
−95
−100
−105
−110
−115
−120
V
IN = − 2dBFS
V
IN = −6dBFS
V
IN = − 20dBFS
SPURIOUS−FREE DYNAMIC RANGE
vs INPUT FREQUENCY
1k
10k
100k
1M
Input Frequency, f
IN (Hz)
130
125
120
115
110
105
100
95
90
V
IN = −2dBFS
V
IN = − 6dBFS
V
IN = −20dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com