Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP730P Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP730P
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP730P Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP730P Datasheet HTML 1Page - Advanced Power Electronics Corp. AP730P Datasheet HTML 2Page - Advanced Power Electronics Corp. AP730P Datasheet HTML 3Page - Advanced Power Electronics Corp. AP730P Datasheet HTML 4Page - Advanced Power Electronics Corp. AP730P Datasheet HTML 5Page - Advanced Power Electronics Corp. AP730P Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AP730P
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristic of
Fig 12. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
1.6
2.1
2.6
3.1
3.6
-50
0
50
100
150
T j , Junction Temperature (
o C )
1
100
10000
111
21
31
V DS (V)
f=1.0MHz
Ciss
Coss
Crss
0.01
0.1
1
10
100
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
V SD (V)
T j = 25
o C
T j = 150
o C
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
40
45
50
Q G , Total Gate Charge (nC)
I D =5.5A
V DS =80V
V DS =120V
V DS =160V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com