Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-101F-R1-V Datasheet(PDF) 1 Page - Eravant

Part # SWC-101F-R1-V
Description  W-Band Waveguide to 1.00 mm Connector Adapter, Right Angle, Thermal Vacuum Safe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-101F-R1-V Datasheet(HTML) 1 Page - Eravant

  SWC-101F-R1-V Datasheet HTML 1Page - Eravant SWC-101F-R1-V Datasheet HTML 2Page - Eravant SWC-101F-R1-V Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-101F-R1-V and SWC-101M-R1-V
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Final Rev 1.0
W-Band Waveguide to 1.00 mm Connector Adapter,
Right Angle, Thermal Vacuum Safe
SWC-101F-R1-V and SWC-101M-R1-V are right angle (90°) W-Band
waveguide to coax adapters that cover the frequency range of 75 to 110
GHz. They are designed and manufactured for instrumentation grade
quality and thermal vacuum compatibility, allowing for an efficient
transition between the rectangular waveguide and 1.00 mm coax
connector.
Electrical Specifications:
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
75 GHz
110 GHz
Insertion Loss
1.2 dB
1.5 dB
Return Loss
12 dB
15 dB
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Waveguide
WR-10 with UG-387/U-M Flange
Coaxial
1.00 mm Female for M/N: SWC-101F-R1-V
1.00 mm Male for M/N: SWC-101M-R1-V
Housing Material
Aluminum
Finish
Gold Plated
Weight
0.4 Oz
Outline
WC-WR
ECCN
EAR99
FEATURES
Thermal Vacuum Safe
Full Band Coverage
Lower Insertion Loss and
VSWR
Instrumentation Grade
DC Open Circuit
APPLICATIONS
Thermal Vacuum Chamber
Test Lab
Instrumentations
Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-101F-R1-V

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-101F-E1-V ERAVANT-SWC-101F-E1-V Datasheet
300Kb / 3P
W-Band Waveguide to 1.00 mm Connector Adapter, End Launch, Thermal Vacuum Safe
Rev 1.0
More results

Similar Description - SWC-101F-R1-V

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
logo
Pomona Electronics
4282 POMONA-4282 Datasheet
25Kb / 1P
Adapter, SMA, Male To Female, Right Angle
73053 POMONA-73053 Datasheet
114Kb / 1P
TNC Right-Angle Jack to Plug Adapter
logo
Microsemi Corporation
M09207 MICROSEMI-M09207 Datasheet
147Kb / 2P
K Band Waveguide Modulator
logo
Pasternack Enterprises,...
PE-W10CA001 PASTERNACK-PE-W10CA001 Datasheet
403Kb / 4P
WR-10 UG-387/U-Mod Round Cover Flange to 1.0mm Female Waveguide to Coax Adapter Operating From 75 GHz to 110 GHz, W Band
PE-W10CA002 PASTERNACK-PE-W10CA002 Datasheet
406Kb / 4P
WR-10 UG-387/U-Mod Round Cover Flange to 1.0mm Male Waveguide to Coax Adapter Operating From 75 GHz to 110 GHz, W Band
logo
Marki Microwave
RA-40 MARKIMICROWAVE-RA-40 Datasheet
215Kb / 2P
Right-Angle Adapter
RA-50 MARKIMICROWAVE-RA-50 Datasheet
242Kb / 2P
Right-Angle Adapter
logo
Samtec, Inc
S1SS-05-28-GF-20.00-S SAMTEC-S1SS-05-28-GF-20.00-S Datasheet
307Kb / 1P
(1.00 mm) .0394
Rev 21JUL21
CC09X-01-XX SAMTEC-CC09X-01-XX Datasheet
249Kb / 2P
1.00 MM PITCH S1SX CONTACT
11/3/2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com