Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYP102 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BYP102
Description  FRED Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BYP102 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BYP102 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BYP102 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FRED Diode
BYP102
www.iscsemi.com
1
FEATURES
· Low Switching Losses
· Low Leakage Current
· Ultrafast recovery time
APPLICATIONS
· PFC
· Half-bridge/full-bridge switched-mode power supplies
· Half-bridge lighting ballasts
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
1000
V
IF(AV)
Average Rectified Forward Current
D = 0.5,TC = 90°C
28
A
IFSM
Non-repetitive Peak Surge Current
TJ = 100 °C, f = 50 Hz
125
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.8
℃
/W


Similar Part No. - BYP102

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BYP102 SIEMENS-BYP102 Datasheet
25Kb / 3P
FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
More results

Similar Description - BYP102

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEI12 IXYS-DSEI12 Datasheet
77Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI2X101-12 IXYS-DSEI2X101-12 Datasheet
80Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI60-12A IXYS-DSEI60-12A Datasheet
52Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI2X61-12 IXYS-DSEI2X61-12 Datasheet
136Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
logo
Powersem GmbH
PSEI2X61-02 POWERSEM-PSEI2X61-02 Datasheet
126Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
PSEI2X61-12 POWERSEM-PSEI2X61-12 Datasheet
142Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
PSEK60-02 POWERSEM-PSEK60-02 Datasheet
97Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
PSEK6006 POWERSEM-PSEK6006 Datasheet
97Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
logo
IXYS Corporation
DSEI30-10AR IXYS-DSEI30-10AR Datasheet
89Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI2X30-06P IXYS-DSEI2X30-06P Datasheet
239Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com