Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24N60FD2 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # 24N60FD2
Description  24A, 600V DP MOS POWER TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

24N60FD2 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  24N60FD2 Datasheet HTML 1Page - Silan Microelectronics Joint-stock 24N60FD2 Datasheet HTML 2Page - Silan Microelectronics Joint-stock 24N60FD2 Datasheet HTML 3Page - Silan Microelectronics Joint-stock 24N60FD2 Datasheet HTML 4Page - Silan Microelectronics Joint-stock 24N60FD2 Datasheet HTML 5Page - Silan Microelectronics Joint-stock 24N60FD2 Datasheet HTML 6Page - Silan Microelectronics Joint-stock 24N60FD2 Datasheet HTML 7Page - Silan Microelectronics Joint-stock 24N60FD2 Datasheet HTML 8Page - Silan Microelectronics Joint-stock 24N60FD2 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Silan
Microelectronics
SVS24N60F(FJ)(PN)(T)D2_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.3
http: //www.silan.com.cn
Page 4 of 9
TYPICAL CHARACTERISTICS
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
0
5
10
20
Drain-Source Voltage – VDS(V)
0
10
4
6
Gate-Source Voltage– VGS(V)
Drain Current – ID(A)
Figure 3. On-Resistance Variation vs.
Drain Current
0
0.2
0.4
0.6
1.2
1.0
Source-Drain Voltage– VSD(V)
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current and Temperature
Notes:
1.250µS pulse test
2.VDS=30V
0.1
1
100
10
-55°C
25°C
150°C
0.1
1
100
10
0.8
Notes:
1.250µS pulse test
2.VGS=0V
8
0
300
0
50
500
20
200
100
10
30
Note: TC=25°C
VGS=20V
Figure 5. Capacitance Characteristics
Drain-Source Voltage – VDS(V)
Figure 6. Gate Charge Characteristics
Total Gate Charge – Qg(nC)
15
10
40
50
60
20
30
0
2
400
VGS=4V
VGS=5V
VGS=6V
VGS=7V
VGS=9V
VGS=10V
VGS=11V
Notes:
1.250µS pulse test
2.TC=25°C
-55°C
25°C
150°C
40
VGS=10V
0.1
10
100
1
10000
10
1000
100
1
0
0
10
20
60
VDS=480V
VDS=300V
VDS=120V
2
4
6
8
10
12
40
50
30
Note: ID=24A
Ciss=Cgs+Cgd(Cds=shorted)
Coss=Cds+Cgd
Crss=Cgd
Notes:
1. VGS=0V
2. f=1MHz
Ciss
Coss
Crss



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com