Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I.MX93 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # I.MX93
Description  i.MX 93 Application Processors Data Sheet for Automotive Products
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX93 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button I.MX93 Datasheet HTML 17Page - NXP Semiconductors I.MX93 Datasheet HTML 18Page - NXP Semiconductors I.MX93 Datasheet HTML 19Page - NXP Semiconductors I.MX93 Datasheet HTML 20Page - NXP Semiconductors I.MX93 Datasheet HTML 21Page - NXP Semiconductors I.MX93 Datasheet HTML 22Page - NXP Semiconductors I.MX93 Datasheet HTML 23Page - NXP Semiconductors I.MX93 Datasheet HTML 24Page - NXP Semiconductors I.MX93 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
Electrical characteristics
i.MX 93 Application Processors Data Sheet for Automotive Products, Rev. 3, 12/2023
NXP Semiconductors
21
The typical values shown in Table 16 are required for use with NXP software to ensure precise time
keeping and USB operation. When connecting external input clock to OSC32K, following connections are
recommended:
•
1.8 V square waveform to RTC_XTALI
•
RTC_XTALO is disconnected.
Table 16 shows the external input clock for OSC32K.
4.1.6.2
On-chip oscillators
A 24 MHz oscillator is used as the primary clock source for the PLLs to generate the clock for the CPU,
BUS, and high-speed interfaces. For fractional PLLs, the 24 MHz clock from the oscillator can be used as
the PLL reference clock directly.
Table 18 shows 32K oscillator specifications.
Table 15. External clock frequency
Parameter Description
Symbol
Low drive
mode
Nominal
mode
Overdrive
mode
Unit
EXT_CLK maximum frequency
fext_clk
133
200
200
MHz
Table 16. External input clock for OSC32K
Symbol
Min
Typ
Max
Unit
Frequency
f
—
32.768
—
kHz
RTC_XTALI
VIH
1.62
—
1.98
V
VIL
0
—
0.18
V
IIH
-12
—
12
µA
IIL
-12
—
12
µA
Table 17. 24M oscillator specifications1
1 Actual working drive level is dependent on real design. Please contact crystal vendor for selecting drive level of crystal.
Single-ended oscillator to XTAL 24 MHz is not supported.
Parameter Description
Min
Typ
Max
Unit
Frequency
—
24
—
MHz
Cload
—
12
—
pF
Drive level
—
—
100
µW
ESR
—
—
120
Duty cycle
40
—
60
%
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com