Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I.MX93 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # I.MX93
Description  i.MX 93 Application Processors Data Sheet for Industrial Products
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX93 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button I.MX93 Datasheet HTML 17Page - NXP Semiconductors I.MX93 Datasheet HTML 18Page - NXP Semiconductors I.MX93 Datasheet HTML 19Page - NXP Semiconductors I.MX93 Datasheet HTML 20Page - NXP Semiconductors I.MX93 Datasheet HTML 21Page - NXP Semiconductors I.MX93 Datasheet HTML 22Page - NXP Semiconductors I.MX93 Datasheet HTML 23Page - NXP Semiconductors I.MX93 Datasheet HTML 24Page - NXP Semiconductors I.MX93 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 143 page
background image
Electrical characteristics
i.MX 93 Application Processors Data Sheet for Industrial Products, Rev. 3, 12/2023
NXP Semiconductors
21
4.1.4
Operating ranges
Table 14 provides the operating ranges of the i.MX 93 processors. For details on the chip's power structure,
see the “Clock and Power Overview” chapter of the i.MX 93 Reference Manual (IMX93RM).
Table 14. Operating ranges
Parameter
Description
Symbol
Min
Typ
Max1
Unit
Comment
Power supply for SoC
logic and Arm core
VDD_SOC
0.85
0.90
0.95
V
Power supply for SoC, overdrive
mode
0.80
0.85
0.90
V
Power supply for SoC, nominal
mode
0.76
0.80
0.84
V
Power supply for SoC, low drive
mode
0.61
0.65
0.70
V
Power supply for SoC, suspend
mode
Digital supply for PLLs,
temperature sensor,
LVCMOS I/O, MIPI,
and USB PHYs
VDD_ANA_0P8
0.76
0.80
0.84
V
—
VDD_MIPI_0P8
VDD_USB_0P8
1.8 V supply for PLLs,
eFuse, Temperature
sensor, LVCMOS
voltage detect
reference, ADC, 24
MHz XTAL, LVDS,
MIPI, and USB PHYs
VDD_ANAx_1P8
1.71
1.80
1.89
V
2
VDD_LVDS_1P8
VDD_MIPI_1P8
VDD_USB_1P8
3.3 V supply for USB
PHY
VDD_USB_3P3
3.069
3.30
3.45
V
—
Voltage supply for
DRAM PHY
VDD2_DDR
1.06
1.10
1.14
V
—
Voltage supply for
DRAM PHY I/O
VDDQ_DDR
1.06
1.10
1.14
V
LPDDR4
0.57
0.60
0.67
V
LPDDR4X
I/O supply and I/O
pre-driver supply for
GPIO in BBSM bank
NVCC_BBSM_1P8
1.62
1.80
1.98
V
—
Power supply for GPIO
when it is in 1.8 V mode
NVCC_AON
NVCC_SD2
NVCC_GPIO
NVCC_WAKEUP
1.62
1.80
1.98
V
—
Power supply for GPIO
when it is in 3.3 V mode
3.00
3.30
3.465
V
—
Temperature Ranges
Junction
temperature—
Industrial
Tj3
-40
—
+105
oC
See the application note, i.MX 93
Product Lifetime Usage Estimates
for information on product lifetime
(power-on hours) for this processor.
Ambient temperature—
Industrial
Ta
-40
—
—
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com