Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB40 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSUSB40
Description  Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB40 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSUSB40 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB40 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
June 2007
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB40 Rev. 1.0.1
FSUSB40 — Low-Power, Two-Port, Hi-Speed,
USB2.0 (480Mbps) Switch
Features
Low On Capacitance: 5.9pF Typical
Low On Resistance: 3.9Ω Typical
Low Power Consumption: 1μA Maximum
-
15μA Maximum ICCT over an Expanded Voltage
Range (VIN=1.8V, VCC=4.3V)
Wide -3db Bandwidth: > 720MHz
Packaged in:
-
Pb-free 10-Lead MicroPak™ (1.6 x 2.1mm)
-
Pb-free 10-Lead UMLP (1.4 x 1.8mm)
8kV ESD Rating, >16kV Power/GND ESD Rating
Power-Off Protection on All Ports When VCC=0V
Applications
Cell phone, PDA, Digital Camera, and Notebook
LCD Monitor, TV, and Set-Top Box
IMPORTANT NOTE:
For additional performance information, please contact
analogswitch@fairchildsemi.com.
Description
The FSUSB40 is a bi-directional, low-power, two-port,
Hi-Speed, USB2.0 switch. Configured as a double-pole,
double-throw switch (DPDT) switch, it is optimized for
switching between two Hi-Speed (480Mbps) sources or
a Hi-Speed and Full-Speed (12Mbps) source.
The FSUSB40 is compatible with the requirements of
USB2.0 and features an extremely low on capacitance
(CON) of 5.9pF. The wide bandwidth of this device
(720MHz) exceeds the bandwidth needed to pass the
third harmonic, resulting in signals with minimum edge
and phase distortion. Superior channel-to-channel
crosstalk also minimizes interference.
The FSUSB40 contains special circuitry on the switch
I/O pins for applications where the VCC supply is
powered-off (VCC=0), which allows the device to
withstand an over-voltage condition. This device is
designed to minimize current consumption even when
the control voltage applied to the SEL pin is lower than
the supply voltage (VCC). This feature is especially
valuable to ultra-portable applications, such as cell
phones, allowing for direct interface with the general-
purpose I/Os of the baseband processor. Other
applications include switching and connector sharing in
portable cell phones, PDAs, digital cameras, printers,
and notebook computers.
Ordering Information
Part Number
Top Mark
Pb-Free
Operating
Temperature Range
Package
FSUSB40L10X
HD
Yes
-40 to +85°C
10-Lead MicroPak™ 1.6 x 2.1mm,
JEDEC MO-255B
FSUSB40UMX
HC
Yes
-40 to +85°C
10-Lead, Quad, Ultrathin Molded Leadless
Package (UMLP), 1.4 x 1.8mm
MicroPak™ is a trademark of Fairchild Semiconductor Corporation.
HSD1+
HSD2+
HSD1-
HSD2-
D-
D+
Control
Sel
/OE
Figure 1. Analog Symbol


Similar Part No. - FSUSB40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
247Kb / 2P
Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB40 ONSEMI-FSUSB40 Datasheet
653Kb / 12P
Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
March 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FSUSB40L10X FAIRCHILD-FSUSB40L10X Datasheet
247Kb / 2P
Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB40L10X ONSEMI-FSUSB40L10X Datasheet
653Kb / 12P
Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
March 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FSUSB40UMX FAIRCHILD-FSUSB40UMX Datasheet
247Kb / 2P
Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
More results

Similar Description - FSUSB40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB42 FAIRCHILD-FSUSB42 Datasheet
147Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB104 FAIRCHILD-FSUSB104 Datasheet
397Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40_08 Datasheet
247Kb / 2P
Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42_08 Datasheet
250Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB43 FAIRCHILD-FSUSB43 Datasheet
248Kb / 2P
Low-Power, Two-Port, High-Speed, USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42_12 Datasheet
723Kb / 10P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
FSUSB42MUX FAIRCHILD-FSUSB42MUX Datasheet
1Mb / 10P
FSUSB42 ??Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
logo
ON Semiconductor
FSUSB40 ONSEMI-FSUSB40 Datasheet
653Kb / 12P
Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
March 2013 Rev. 1.0.8
FSUSB104 ONSEMI-FSUSB104 Datasheet
230Kb / 9P
Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
November-2017, Rev. 2
logo
AiT Semiconductor Inc.
A4730 AITSEMI-A4730 Datasheet
698Kb / 13P
DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com