Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP-04-R2 Datasheet(PDF) 1 Page - Eravant

Part # SAP-04-R2
Description  WR-04 Probe Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAP-04-R2 Datasheet(HTML) 1 Page - Eravant

  SAP-04-R2 Datasheet HTML 1Page - Eravant SAP-04-R2 Datasheet HTML 2Page - Eravant SAP-04-R2 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAP-04-R2
Rev 1.2
www.eravant.com | 501 Amapola Avenue, Torrance, CA 90501
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: support@eravant.com
Page | 1
WR-04 Probe Antenna
Copyright © 2023 by Eravant
Description:
Model SAP-04-R2 is a WR-04 probe antenna that operates
from 170 GHz to 260 GHz. The antenna offers 6.5 dBi
nominal gain and 115 degrees typical half power beamwidth
on the E-plane and 55 degrees typical half power
beamwidth on the H-plane. The antenna supports linear
polarized waveforms. The input of this antenna is a WR-04
waveguide with a UG-387/U-M anti-cocking flange.
Features:
• Rectangular Waveguide Interface
• Precisely Machined and Gold Plated
• Linear Polarization
• High Return Loss
Applications:
• 5G Systems
• Antenna Ranges
• Antenna Gain Measurements
• System Setups
Electrical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency
170 GHz
260 GHz
Gain
6.5 dBi
Polarization
Linear
3 dB Beamwidth, E-Plane
115°
3 dB Beamwidth, H-Plane
55°
Sidelobes, E-Plane
-10 dB
Sidelobes, H-Plane
-14 dB
Return Loss
10 dB
Specification Temperature
+25 °C
Operating Temperature
-40 °C
+85 °C
Mechanical Specifications:
Item
Specification
Antenna Port
WR-04 Waveguide
Flange Type
UG-387/U-M Anti-Cocking Flange
Material
Brass
Finish
Gold Plated
Weight
0.4 Oz
Size
1.00” (L) x 0.75 (Ø)
Outline
AP-R04-A


Similar Part No. - SAP-04-R2

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
SAP-03 SOVICO-SAP-03 Datasheet
12Mb / 1P
DATA JACK PLATE
logo
Eravant
SAP-03-R2 ERAVANT-SAP-03-R2 Datasheet
301Kb / 3P
WR-03 Probe Antenna
Rev. 1.2
SAP-05-R2 ERAVANT-SAP-05-R2 Datasheet
235Kb / 3P
WR-05 Probe Antenna
Rev 1.2
SAP-06-R2 ERAVANT-SAP-06-R2 Datasheet
234Kb / 3P
WR-06 Probe Antenna
Rev. 1.3
SAP-08-R2 ERAVANT-SAP-08-R2 Datasheet
234Kb / 3P
WR-08 Probe Antenna
Rev. 1.2
More results

Similar Description - SAP-04-R2

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSF003604GD-W57LZ4E1D OPTOSUPPLY-OSF003604GD-W57LZ4E1D Datasheet
62Kb / 1P
FESTOON 04 SUPER FLUX
logo
Maxim Integrated Produc...
DS9092GT MAXIM-DS9092GT Datasheet
167Kb / 3P
iButton Probe
8/09
logo
E-SWITCH
04-SRJ10 E-SWITCH-04-SRJ10 Datasheet
79Kb / 1P
04-SRJ10
logo
Adam Technologies, Inc.
RF5-500-2 ADAM-TECH-RF5-500-2 Datasheet
57Kb / 1P
N TYPE 04
logo
TDK Electronics
B57500K0103A001 TDK-B57500K0103A001 Datasheet
286Kb / 10P
Probe assemblies
B57500M0103A005 TDK-B57500M0103A005 Datasheet
277Kb / 9P
Probe assemblies
logo
Taoglas antenna solutio...
IS04B301111 TAOGLAS-IS04B301111 Datasheet
1Mb / 18P
IS.04 868MHz Hercules ISM Band Antenna
logo
TE Connectivity Ltd
C-1579001-8 TEC-C-1579001-8 Datasheet
88Kb / 1P
EGC0-0065-04
logo
PHOENIX CONTACT
1284780 PHOENIX-1284780 Datasheet
59Kb / 3P
Antenna - ANT-OMNI-2459-04
12/24/2021
logo
Vishay Barry
A3000-10-6X BARRY-A3000-10-6X Datasheet
129Kb / 1P
Rev.B 04/07/10
Rev.B 04/07/10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com