Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP-05-R2 Datasheet(PDF) 1 Page - Eravant

Part # SAP-05-R2
Description  WR-05 Probe Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAP-05-R2 Datasheet(HTML) 1 Page - Eravant

  SAP-05-R2 Datasheet HTML 1Page - Eravant SAP-05-R2 Datasheet HTML 2Page - Eravant SAP-05-R2 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAP-05-R2
Rev 1.2
www.eravant.com | 501 Amapola Avenue, Torrance, CA 90501
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: support@eravant.com
Page | 1
WR-05 Probe Antenna
Copyright © 2023 by Eravant
Description:
Model SAP-05-R2 is a G-band probe antenna that
operates from 140 GHz to 220 GHz. The antenna offers
6.5 dBi nominal gain and 115 degrees typical half power
beamwidth on the E-plane and 55 degrees typical half
power beamwidth on the H-plane. The antenna
supports linear polarized waveforms. The input of this
antenna is a WR-05 waveguide with a UG-387/U-M anti-
cocking flange.
Features:
• Rectangular Waveguide Interface
• Precisely Machined and Gold Plated
• Linear Polarization
• High Return Loss
Applications:
• 5G Systems
• Antenna Ranges
• Antenna Gain Measurements
• System Setups
Electrical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency
140 GHz
220 GHz
Gain
6.5 dBi
Polarization
Linear
3 dB Beamwidth, E-Plane
115°
3 dB Beamwidth, H-Plane
55°
Sidelobes, E-Plane
-10 dB
Sidelobes, H-Plane
-14 dB
Return Loss
10 dB
Specification Temperature
+25 °C
Operating Temperature
-40 °C
+85 °C
Mechanical Specifications:
Item
Specification
Antenna Port
WR-05 Waveguide
Flange Type
UG-387/U-M Anti-Cocking Flange
Material
Brass
Finish
Gold Plated
Weight
0.4 Oz
Size
1.00” (L) x 0.75 (Ø)
Outline
AP-RG-A


Similar Part No. - SAP-05-R2

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
SAP-03 SOVICO-SAP-03 Datasheet
12Mb / 1P
DATA JACK PLATE
logo
Eravant
SAP-03-R2 ERAVANT-SAP-03-R2 Datasheet
301Kb / 3P
WR-03 Probe Antenna
Rev. 1.2
SAP-04-R2 ERAVANT-SAP-04-R2 Datasheet
234Kb / 3P
WR-04 Probe Antenna
Rev 1.2
SAP-06-R2 ERAVANT-SAP-06-R2 Datasheet
234Kb / 3P
WR-06 Probe Antenna
Rev. 1.3
SAP-08-R2 ERAVANT-SAP-08-R2 Datasheet
234Kb / 3P
WR-08 Probe Antenna
Rev. 1.2
More results

Similar Description - SAP-05-R2

ManufacturerPart #DatasheetDescription
logo
Alcoa international inc...
99-3712-1 ALCOA-99-3712-1 Datasheet
57Kb / 1P
NOSE ASSEMBLY - 05 BLIND BOLT
99-3712 ALCOA-99-3712 Datasheet
59Kb / 1P
NOSE ASSEMBLY - 05 BLIND BOLT
logo
Texas Instruments
AM3517_1005 TI-AM3517_1005 Datasheet
1Mb / 218P
AM3517/05 ARM Microprocessor
SLVA401A TI-SLVA401A Datasheet
209Kb / 8P
Power for C5504/05
logo
RMT Ltd.
2MC04-083-05 RMT-2MC04-083-05 Datasheet
252Kb / 4P
2MC04-083-05
2MD06-022-05 RMT-2MD06-022-05 Datasheet
345Kb / 4P
2MD06-022-05
logo
OptoDiode Corp
SXUV20HS1 OPTODIODE-SXUV20HS1 Datasheet
181Kb / 2P
PHOTODIODE 05 mm
logo
Taoglas antenna solutio...
LPDA05032111 TAOGLAS-LPDA05032111 Datasheet
1Mb / 16P
LPDA.05 Engager External Wide Band Directional LPDA Antenna
LPDA.05.032H21 TAOGLAS-LPDA.05.032H21_18 Datasheet
1Mb / 16P
LPDA.05 Engager External Wide Band Directional LPDA Antenna
logo
PHOENIX CONTACT
1647718 PHOENIX-1647718 Datasheet
120Kb / 4P
HC-M-05-MOD-STZ
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com