Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP-08-R2 Datasheet(PDF) 1 Page - Eravant

Part # SAP-08-R2
Description  WR-08 Probe Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAP-08-R2 Datasheet(HTML) 1 Page - Eravant

  SAP-08-R2 Datasheet HTML 1Page - Eravant SAP-08-R2 Datasheet HTML 2Page - Eravant SAP-08-R2 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAP-08-R2
Rev. 1.2
www.eravant.com | 501 Amapola Avenue, Torrance, CA 90501
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: support@eravant.com
Page | 1
WR-08 Probe Antenna
Copyright © 2022 by Eravant
Description:
Model SAP-08-R2 is an F-band probe antenna that
operates from 90 GHz to 140 GHz. The antenna offers
6.5 dBi nominal gain and 115 degrees typical half power
beamwidth on the E-plane and 60 degrees typical half
power beamwidth on the H-plane. The antenna
supports linear polarized waveforms. The input of this
antenna is a WR-08 waveguide with UG-387/U-M Anti-
Cocking flange.
Features:
• Rectangular Waveguide Interface
• Precisely Machined and Gold Plated
• Linear Polarization
• High Return Loss
Applications:
• Antenna Ranges
• Antenna Gain Measurements
• System Setups
Electrical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency
90 GHz
140 GHz
Gain
6.5 dBi
Polarization
Linear
3 dB Beamwidth, E-Plane
115°
3 dB Beamwidth, H-Plane
60°
Side Lobes, E-Plane
-10 dB
Side Lobes, H-Plane
-14 dB
Return Loss
9 dB
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Mechanical Specifications:
Item
Specification
Antenna Port
WR-08 Waveguide
Flange Type
UG-387/U-M Anti-Cocking Flange
Size
1.00” (L) x 0.75 (Ø)
Material
Brass
Finish
Gold Plated
Weight
0.4 Oz
Outline
AP-RF-A


Similar Part No. - SAP-08-R2

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
SAP-03 SOVICO-SAP-03 Datasheet
12Mb / 1P
DATA JACK PLATE
logo
Eravant
SAP-03-R2 ERAVANT-SAP-03-R2 Datasheet
301Kb / 3P
WR-03 Probe Antenna
Rev. 1.2
SAP-04-R2 ERAVANT-SAP-04-R2 Datasheet
234Kb / 3P
WR-04 Probe Antenna
Rev 1.2
SAP-05-R2 ERAVANT-SAP-05-R2 Datasheet
235Kb / 3P
WR-05 Probe Antenna
Rev 1.2
SAP-06-R2 ERAVANT-SAP-06-R2 Datasheet
234Kb / 3P
WR-06 Probe Antenna
Rev. 1.3
More results

Similar Description - SAP-08-R2

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESJC35-08 FUJI-ESJC35-08 Datasheet
20Kb / 2P
ESJC35-08
logo
List of Unclassifed Man...
08-XC62H ETC-08-XC62H Datasheet
86Kb / 1P
08-XC62H
A-08-018 ETC1-A-08-018 Datasheet
51Kb / 1P
A-08-018
logo
Maxim Integrated Produc...
DS9092GT MAXIM-DS9092GT Datasheet
167Kb / 3P
iButton Probe
8/09
logo
TDK Electronics
B57500K0103A001 TDK-B57500K0103A001 Datasheet
286Kb / 10P
Probe assemblies
B57500M0103A005 TDK-B57500M0103A005 Datasheet
277Kb / 9P
Probe assemblies
B57504K0103A009 TDK-B57504K0103A009 Datasheet
274Kb / 9P
Probe assemblies
logo
TE Connectivity Ltd
C-1579001-6 TEC-C-1579001-6 Datasheet
112Kb / 1P
ECR-08-023312
logo
ASM GmbH
CT6700 ASM-SENSOR-CT6700 Datasheet
1Mb / 4P
CURRENT PROBE
logo
Vishay Siliconix
VLMW45R1 VISHAY-VLMW45R1 Datasheet
180Kb / 8P
Standard SMD LED PLCC-2
03-Aug-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com