Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C109D Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C109D
Description  1-Mbit (128K x 8) Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C109D Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C109D Datasheet HTML 1Page - Cypress Semiconductor CY7C109D Datasheet HTML 2Page - Cypress Semiconductor CY7C109D Datasheet HTML 3Page - Cypress Semiconductor CY7C109D Datasheet HTML 4Page - Cypress Semiconductor CY7C109D Datasheet HTML 5Page - Cypress Semiconductor CY7C109D Datasheet HTML 6Page - Cypress Semiconductor CY7C109D Datasheet HTML 7Page - Cypress Semiconductor CY7C109D Datasheet HTML 8Page - Cypress Semiconductor CY7C109D Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CY7C109D
CY7C1009D
Document #: 38-05468 Rev. *E
Page 3 of 11
Maximum Ratings
Exceeding the maximum ratings may impair the useful life of
the device. These user guidelines are not tested.
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage on VCC to Relative GND [3] ... –0.5V to +6.0V
DC Voltage Applied to Outputs
in High-Z State [3] ...................................–0.5V to VCC + 0.5V
DC Input Voltage [3] ............................... –0.5V to VCC + 0.5V
Current into Outputs (LOW) ........................................ 20 mA
Static Discharge Voltage........................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current .................................................... > 200 mA
Operating Range
Range
Ambient
Temperature
VCC
Speed
Industrial
–40°C to +85°C
5V
± 0.5V
10 ns
Electrical Characteristics (Over the Operating Range)
Parameter
Description
Test Conditions
7C109D-10
7C1009D-10
Unit
Min
Max
VOH
Output HIGH Voltage
IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.5
V
VIL
Input LOW Voltage [3]
–0.5
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–1
+1
µA
IOZ
Output Leakage Current
GND < VI < VCC, Output Disabled
–1
+1
µA
ICC
VCC Operating Supply Current VCC = Max,
IOUT = 0 mA,
f = fmax = 1/tRC
100 MHz
80
mA
83 MHz
72
mA
66 MHz
58
mA
40 MHz
37
mA
ISB1
Automatic CE Power-Down
Current—TTL Inputs
Max VCC,
CE1 > VIH or CE2 < VIL,
VIN > VIH or VIN < VIL, f = fmax
10
mA
ISB2
Automatic CE Power-Down
Current—CMOS Inputs
Max VCC,
CE1 > VCC – 0.3V, or CE2 < 0.3V,
VIN > VCC – 0.3V, or VIN < 0.3V, f = 0
3mA
Note
3. VIL (min) = –2.0V and VIH(max) = VCC + 1V for pulse durations of less than 5 ns.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com