Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8024262 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8024262
Description  Proportional pressure control valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8024262 Datasheet(HTML) 1 Page - Festo Corporation.

  8024262 Datasheet HTML 1Page - Festo Corporation. 8024262 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Proportional pressure control valve
VPPM-8L-L-1-G14-0L6H-LK-S1
Part number: 8024262
General operating condition
Data sheet
Feature
Value
Nominal width pressurization
8 mm
Exhaust nominal width
7 mm
Actuation type
Electrical
Sealing principle
Soft
Mounting position
Any
Structural design
Pilot-controlled diaphragm regulator
Short-circuit protection
For all electrical connections
Safety instructions
VPPM safety position: if the supply cable breaks, the outlet pressure is
maintained in uncontrolled form.
Symbol
00995303
Reverse polarity protection
for all electrical connections
Reset method
Mechanical spring
Type of control
Pilot-controlled
Valve function
3-way proportional pressure control valve
Display type
LED
Pressure regulation range MPa
0.006 MPa ... 0.6 MPa
Pressure regulation range
0.06 bar ... 6 bar
Inlet pressure 1
0 bar ... 8 bar
Inlet pressure 1 MPa
0 MPa ... 0.8 MPa
Max. pressure hysteresis
0.03 bar
Standard nominal flow rate
1750 l/min
DC operating voltage range
18 V ... 30 V
Max. current consumption
300 mA
Duty cycle
100%
Max. electrical power consumption
7 W
Protocol
I-Port
IO-Link®
Residual ripple
10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication not possible
Certification
RCM compliance mark
c UL us - Listed (OL)
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
10/31/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8024262

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8024260 FESTO-8024260 Datasheet
117Kb / 2P
Proportional pressure control valve
8024261 FESTO-8024261 Datasheet
119Kb / 2P
Proportional pressure control valve
8024263 FESTO-8024263 Datasheet
118Kb / 2P
Proportional pressure control valve
8024264 FESTO-8024264 Datasheet
117Kb / 2P
Proportional pressure control valve
8024265 FESTO-8024265 Datasheet
118Kb / 2P
Proportional pressure control valve
More results

Similar Description - 8024262

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VEAA-L-3-D11-Q4-A4-1R1 FESTO-VEAA-L-3-D11-Q4-A4-1R1 Datasheet
89Kb / 2P
Proportional pressure control valve
VEAB-B-26-D15-F-A4-1R1 FESTO-VEAB-B-26-D15-F-A4-1R1 Datasheet
87Kb / 2P
Proportional pressure control valve
VEAB-L-26-D9-Q4-V1-1R1 FESTO-VEAB-L-26-D9-Q4-V1-1R1 Datasheet
91Kb / 2P
Proportional pressure control valve
VEAB-L-26-D14-Q4-V1-1R1 FESTO-VEAB-L-26-D14-Q4-V1-1R1 Datasheet
90Kb / 2P
Proportional pressure control valve
VEAB-L-26-D15-Q4-V1-1R1 FESTO-VEAB-L-26-D15-Q4-V1-1R1 Datasheet
91Kb / 2P
Proportional pressure control valve
539639 FESTO-539639 Datasheet
88Kb / 2P
Proportional pressure control valve
1/21/22
557772 FESTO-557772 Datasheet
88Kb / 2P
Proportional pressure control valve
1/21/22
557773 FESTO-557773 Datasheet
87Kb / 2P
Proportional pressure control valve
1/21/22
557777 FESTO-557777 Datasheet
91Kb / 2P
Proportional pressure control valve
1/21/22
570967 FESTO-570967 Datasheet
85Kb / 2P
Proportional pressure control valve
1/27/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com